Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1014 Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # AOZ1014
Description  EZBuck TM 5A Simple Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1014 Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

Back Button AOZ1014 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1014 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1014 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1014 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1014 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1014 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1014 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1014 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1014 Datasheet HTML 13Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
^lwNMNQ
February 2006
www.aosmd.com
Page 9 of 21
Detailed Description
The AOZ1014 is a current-mode step down regulator
with integrated high side PMOS switch and a low side
freewheeling Schottky diode. It operates from a 4.5V to
16V input voltage range and supplies up to 5A of load
current. The duty cycle can be adjusted from 6% to
100% allowing a wide range of output voltage. Features
include enable control, Power-On Reset, input under
voltage lockout, fixed internal soft-start and thermal
shut down.
The AOZ1014 is available in SO-8 and thermally
enhanced DFN-8 package.
Enable and Soft Start
The AOZ1014 has internal soft start feature to limit in-
rush current and ensure the output voltage ramps up
smoothly to regulation voltage. A soft start process
begins when the input voltage rises to 4.0V and voltage
on EN pin is HIGH. In soft start process, the output
voltage is ramped to regulation voltage in typically 4ms.
The 4ms soft start time is set internally.
The EN pin of the AOZ1014 is active high. Connect the
EN pin to VIN if enable function is not used. Pull it to
ground will disable the AOZ1014. Do not leave it open.
The voltage on EN pin must be above 2.0 V to enable
the AOZ1014. When voltage on EN pin falls below 0.6 V,
the AOZ1014 is disabled. If an application circuit
requires the AOZ1014 to be disabled, an open drain or
open collector circuit should be used to interface to EN
pin.
Steady-State Operation
Under steady-state conditions, the converter operates
in fixed frequency and Continuous-Conduction Mode
(CCM).
The AOZ1014 integrates an internal P-MOSFET as the
high-side
switch.
Inductor
current
is
sensed
by
amplifying the voltage drop across the drain to source
of the high side power MOSFET. Output voltage is
divided down by the external voltage divider at the FB
pin. The difference of the FB pin voltage and reference
is amplified by the internal transconductance error
amplifier. The error voltage, which shows on the COMP
pin, is compared against the current signal, which is
sum of inductor current signal and ramp compensation
signal, at PWM comparator input. If the current signal is
less than the error voltage, the internal high-side switch
is on. The inductor current flows from the input through
the inductor to the output. When the current signal
exceeds the error voltage, the high-side switch is off.
The inductor current is freewheeling through the
external Schottky diode to output.
The AOZ1014 uses a P-Channel MOSFET as the high
side switch. It saves the bootstrap capacitor normally
seen in a circuit which is using an NMOS switch. It
allows 100% turn-on of the upper switch to achieve
linear regulation mode of operation. The minimum
voltage drop from V
IN to VO is the load current times DC
resistance of MOSFET plus DC resistance of buck
inductor. It can be calculated by equation below:
)
(
)
(
_
inductor
ON
DS
O
IN
MAX
O
R
R
I
V
V
+
×
=
Where V
O_MAX is the maximum output voltage;
V
IN is the input voltage from 4.5V to 16V;
I
O is the output current from 0A to 5A;
R
DS(ON) is the on resistance of internal
MOSFET, the value is between 25m
Ω and
55m
Ω depending on input voltage and junction
temperature;
R
inductor is the inductor DC resistance;
Switching Frequency
The AOZ1014 switching frequency is fixed and set by
an internal oscillator. The practical switching frequency
could range from 350kHz to 600kHz due to device
variation.
Output Voltage Programming
Output voltage can be set by feeding back the output to
the FB pin with a resistor divider network. In the
application circuit shown in Figure 1. The resistor divider
network includes R
1 and R2. Usually, a design is started
by picking a fixed R
2 value and calculating the required
R1 with equation below.
)
1
(
8
.
0
2
1
R
R
V
O
+
×
=
Some standard value of R
1, R2 for most commonly used
output voltage values are listed in Table 1.
Table 1.
Vo (V)
R1 (k
Ω)
R2 (k
Ω)
0.8
1.0
open
1.2
4.99
10
1.5
10
11.5
1.8
12.7
10.2
2.5
21.5
10
3.3
31.6
10
5.0
52.3
10
Combination of R1 and R2 should be large enough to
avoid drawing excessive current from the output, which
will cause power loss.


Similar Part No. - AOZ1014

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1014AI AOSMD-AOZ1014AI_09 Datasheet
533Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
   EZBuck??5A Simple Buck Regulator
More results

Similar Description - AOZ1014

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014AI AOSMD-AOZ1014AI_09 Datasheet
533Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1094DI AOSMD-AOZ1094DI Datasheet
813Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1013 AOSMD-AOZ1013 Datasheet
570Kb / 16P
   EZBuck TM 3A Simple Buck Regulator
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com