Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD406 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD406
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD406 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD406 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD406 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD406 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD406 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD406 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
14.2
20
40
50
RθJL
0.56
1.5
Junction and Storage Temperature Range
-55 to 175
mJ
W
50
W
°C
Repetitive avalanche energy L=0.1mH
C
140
Power Dissipation
A
A
ID
Avalanche Current
C
30
A
200
Continuous Drain
Current
B,G
Maximum
Units
Parameter
TC=25°C
G
TC=100°C
B
30
85
75
TA=25°C
PDSM
2.5
Power Dissipation
B
TC=25°C
PD
100
TC=100°C
TA=70°C
1.6
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±12
Pulsed Drain Current
Gate-Source Voltage
Drain-Source Voltage
Maximum Junction-to-Ambient
A
Steady-State
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
AOD406
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 30V
ID = 85A (VGS = 10V)
RDS(ON) < 5.0mΩ (VGS = 10V)
RDS(ON) < 5.7mΩ (VGS = 4.5V)
General Description
The AOD406 uses advanced trench technology to provide
excellent RDS(ON), shoot-through immunity and body diode
characteristics. This device is ideally suited for use as a low
side switch in CPU core power conversion. Standard
Product AOD406 is Pb-free (meets ROHS & Sony 259
specifications). AOD406L is a Green Product ordering
option. AOD406 and AOD406L are electrically identical.
G
D
S
G
D
S
TO-252
D-PAK
Top View
Drain Connected
to Tab
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOD406

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD406 AOSMD-AOD406 Datasheet
201Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AOD406 VBSEMI-AOD406 Datasheet
1,001Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AOD406 AOSMD-AOD406_08 Datasheet
201Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOD406

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com