Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKM6711 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EKM6711
Description  Optical RF Mouse Tx Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKM6711 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

  EKM6711 Datasheet HTML 1Page - ELAN Microelectronics Corp EKM6711 Datasheet HTML 2Page - ELAN Microelectronics Corp EKM6711 Datasheet HTML 3Page - ELAN Microelectronics Corp EKM6711 Datasheet HTML 4Page - ELAN Microelectronics Corp EKM6711 Datasheet HTML 5Page - ELAN Microelectronics Corp EKM6711 Datasheet HTML 6Page - ELAN Microelectronics Corp EKM6711 Datasheet HTML 7Page - ELAN Microelectronics Corp EKM6711 Datasheet HTML 8Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
eKM6711
Optical RF Mouse Tx Controller
Product Specification (V1.0) 12.03.2003
3
(This specification is subject to change without further notice)
6
Absolute Maximum Ratings
Items
Sym.
Condition
Rating
Temperature under bias
TOPR
0℃~70℃
Storage temperature
TSTR
-65℃~150℃
Input voltage
VIN
-0.3V~+6.0V
Output voltage
VO
-0.3V~+6.0V
7
Dc Electrical Characteristic
Parameter
Sym.
Condition
Min.
Typ.
Max.
Unit
Power-down current
IPD
All input and I/O pins at VDD, output
pin floating, WDT enable
10
µA
Standby mode
Icc3
/RESET=’high’, FOSC=4Mhz, output
pin floating, WDT enable
1.6
mA
Operating supply
current (VDD=5V)
ICC3
/RESET=’high’, FOSC=4Mhz, output
pin floating, WDT enable
1.6
mA
8
Application Circuit


Similar Part No. - EKM6711

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKM6211 EMC-EKM6211 Datasheet
148Kb / 16P
   RF Mouse Rx Controller
EKM6251 EMC-EKM6251 Datasheet
96Kb / 4P
   UP RF Mouse Rx Controller
EKM6611 EMC-EKM6611 Datasheet
123Kb / 10P
   RF Mouse Tx Controller
More results

Similar Description - EKM6711

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKM6611 EMC-EKM6611 Datasheet
123Kb / 10P
   RF Mouse Tx Controller
EKM8003 EMC-EKM8003 Datasheet
254Kb / 22P
   Optical Mouse Controller
EKM6211 EMC-EKM6211 Datasheet
148Kb / 16P
   RF Mouse Rx Controller
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
   USB & PS/2 Optical Mouse Controller
EKM6251 EMC-EKM6251 Datasheet
96Kb / 4P
   UP RF Mouse Rx Controller
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com