Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOL1401L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOL1401L
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOL1401L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOL1401L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOL1401L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOL1401L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOL1401L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOL1401L Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
21
25
48
60
RθJC
1
1.5
°C
V
V
±25
50
100
W
Gate-Source Voltage
Drain-Source Voltage
-38
Pulsed Drain Current
C
-85
-62
-120
Continuous Drain
Current
G
Maximum
Units
Parameter
TC=25°C
TC=100°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
ID
A
PDSM
2.1
Power Dissipation
B
TC=25°C
PD
TC=100°C
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
TA=70°C
1.3
Junction and Storage Temperature Range
-55 to 175
Power Dissipation
A
TA=25°C
Maximum Junction-to-Case
B
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Continuous Drain
Current
G
TA=25°C
IDSM
-12
TA=70°C
-9
AOL1401
P-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = -38V
ID = -85A
RDS(ON) < 8.5mΩ (VGS = -10V)
RDS(ON) < 10mΩ (VGS = -4.5V)
ESD Rating: 3000V HBM
General Description
The AOL1401 uses advanced trench technology to
provide excellent RDS(ON), and ultra-low low gate
charge with a 25V gate rating. This device is suitable
for use as a load switch or in PWM applications. It is
ESD protected. Standard Product AOL1401 is Pb-
free (meets ROHS & Sony 259 specifications).
AOL1401L is a Green Product ordering option.
AOL1401 and AOL1401L are electrically identical.
Ultra
SO-8
TM Top View
Bottom tab
connected to
drain
Fits SOIC8
footprint !
D
S
G
S
G
D
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOL1401L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOL1401 AOSMD-AOL1401 Datasheet
150Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
AOL1401 AOSMD-AOL1401_08 Datasheet
150Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOL1401L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com