Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO8810 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO8810
Description  Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO8810 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO8810 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO8810 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO8810 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO8810 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
64
83
89
120
RθJL
53
70
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
±8
Gate-Source Voltage
Drain-Source Voltage
20
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
5.7
30
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
A
PD
°C
1.5
1
-55 to 150
TA=70°C
ID
7
AO8810
Common-Drain Dual N-Channel Enhancement Mode Field
Effect Transistor
Features
VDS (V) = 20V
ID = 7 A (VGS = 4.5V)
RDS(ON) < 20mΩ (VGS = 4.5V)
RDS(ON) < 24mΩ (VGS = 2.5V)
RDS(ON) < 32mΩ (VGS = 1.8V)
ESD Rating: 2000V HBM
General Description
The AO8810 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 1.8V. This device is suitable for use as a
load switch or in PWM applications. It is ESD protected.
AO8810L is offered in a lead-free package. Standard
Product AO8810 is Pb-free (meets ROHS & Sony 259
specifications). AO8810L is a Green Product ordering
option. AO8810 and AO8810L are electrically identical.
G1
S1
S1
D1/D2
G2
S2
S2
D1/D2
1
2
3
4
8
7
6
5
TSSOP-8
Top View
G1
D1
S1
G2
D2
S2
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO8810

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO8810 AOSMD-AO8810 Datasheet
221Kb / 5P
   20V Common-Drain Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO8810 VBSEMI-AO8810 Datasheet
963Kb / 8P
   Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO8810 AOSMD-AO8810_12 Datasheet
221Kb / 5P
   20V Common-Drain Dual N-Channel MOSFET
More results

Similar Description - AO8810

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8804 AOSMD-AO8804 Datasheet
379Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO8802 ETC-AO8802 Datasheet
353Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com