Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7016 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7016
Description  Advanced PWM Power Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7016 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7016 Datasheet HTML 3Page - Anpec Electronics Coropration APW7016 Datasheet HTML 4Page - Anpec Electronics Coropration APW7016 Datasheet HTML 5Page - Anpec Electronics Coropration APW7016 Datasheet HTML 6Page - Anpec Electronics Coropration APW7016 Datasheet HTML 7Page - Anpec Electronics Coropration APW7016 Datasheet HTML 8Page - Anpec Electronics Coropration APW7016 Datasheet HTML 9Page - Anpec Electronics Coropration APW7016 Datasheet HTML 10Page - Anpec Electronics Coropration APW7016 Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2002
APW7016
www.anpec.com.tw
7
Package Information
SO – 300mil ( Reference JEDEC Registration MS-013)
Millimeters
Variations- D
Inches
Variations- D
Dim
Min.
Max.
Variations
Min.
Max.
Dim
Min.
Max.
Variations
Min.
Max.
A2.35
2.65
SO-16
10.10
10.50
A
0.093
0.1043
SO-16
0.398
0.413
A1
0.10
0.30
SO-18
11.35
11.76
A1
0.004
0.0120
SO-18
0.447
0.463
B
0.33
0.51
SO-20
12.60
13
B
0.013
0.020
SO-20
0.496
0.512
D
See variations
SO-24
15.20
15.60
D
See variations
SO-24
0.599
0.614
E
7.40
7.60
SO-28
17.70
18.11
E
0.2914
0.2992
SO-28
0.697
0.713
e
1.27BSC
SO-14
8.80
9.20
e
0.050BSC
SO-14
0.347
0.362
H
10
10.65
H
0.394
0.419
L
0.40
1.27
L
0.016
0.050
N
See variations
N
See variations
φ 10°
8
°φ 10°
8
°
N
12 3
E
H
D
L
GAUGE
PLANE
1
e
B
A1
A


Similar Part No. - APW7016

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
APW7015KC-TR ANPEC-APW7015KC-TR Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
APW7015KC-TU ANPEC-APW7015KC-TU Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
More results

Similar Description - APW7016

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
   Advanced PWM and Linear Power Controller
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
   Advanced PWM and Linear Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com