Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

280108-05 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 280108-05
Description  Plasma Panel Display Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

280108-05 Datasheet(HTML) 1 Page - Vishay Siliconix

  280108-05 Datasheet HTML 1Page - Vishay Siliconix 280108-05 Datasheet HTML 2Page - Vishay Siliconix 280108-05 Datasheet HTML 3Page - Vishay Siliconix 280108-05 Datasheet HTML 4Page - Vishay Siliconix 280108-05 Datasheet HTML 5Page - Vishay Siliconix 280108-05 Datasheet HTML 6Page - Vishay Siliconix 280108-05 Datasheet HTML 7Page - Vishay Siliconix 280108-05 Datasheet HTML 8Page - Vishay Siliconix 280108-05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.vishay.com
41
APD-240G064
Vishay Dale
Document Number: 37046
Revision 21-Dec-00
Plasma Panel Display Modules
240 x 64 Graphics Display with ASCII Input Controller,
DC/DC Converter and Drive Circuitry
The APD-240G064 is a dot matrix graphic display with an
array of 240 x 64 pixels available. The module is composed of a
highly reliable DC plasma display, ASCII input graphics control-
ler, DC converter and drive circuitry which are assembled to form
a rugged, slim profile display sub-system.
Interface to the APD-240G064 is through a parallel or serial inter-
face. The interface allows for efficient handshaking and flow of
bi-directional data. Vishay Dale's patented open construction
display technology assures a stable, flicker free screen.
FEATURES
• 240 x 64 pixel array for bright and vivid graphics
• Parallel interface or RS-232 serial interface
• Powerful software commands make display integration
simple and efficient
• + 5 to + 24VDC display voltage
ELECTROSTATIC CAUTION
Vishay Dale display panels use electrostatic sensitive
components. These assemblies should be unpacked and handled in an
ESD controlled area only. When shipping use packing materials designed for protection of electrostatic sensitive components.
Vishay Dale believes that the information described in this publication is accurate and reliable, and much care has been taken in its
preparation. However, no responsibility, financial or otherwise, is accepted for any consequences arising out of the use of this
information.
This information is subject to change without notice.
OPTICAL SPECIFICATIONS
Pixel Size: .019" [.483mm]
Pixel Array: 240 x 64
Luminance: 50 foot lamberts typical
Color: Neon orange.
Refresh Cycle: 65Hz
Viewing Angle: 150
° cone
Contrast Ratio: 30:1
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: 0
°C to - 70°C
Storage Temperature: - 20
°C to - 85°C
Operating Humidity: 95% RH non-condensing
Mechanical Shock: 30G
Vibration: 0.018" [.457mm] displacement amplitude from
10-50Hz, 2G acceleration from 50 to 2000Hz logarithmic
sweep rate
Mean Time Between Failure: 50,000 hours
STANDARD ELECTRICAL SPECIFICATIONS
DESCRIPTION
Panel Supply Voltage
Panel Supply Current
SYMBOL
VDC
IDC*
MIN.
5
TYP.
12.0
1.25
MAX.
24
2.50**
UNITS
V
A
DIMENSIONS in inches
Mounting Holes
.172 Dia. 4 Places
.200
4.330 3.780
.275
1.610
7.409
1.267
1.814
10.230
See Character Detail 'A'
.0285
.019 Sq. Typ.
.031
.325 Max.
1.3
Max.
Detail A
Matrix
Note: *at 12V
**at start-up


Similar Part No. - 280108-05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
280108-05 VISHAY-280108-05 Datasheet
166Kb / 11P
   Plasma Panel Display Modules 128 x 64 Graphics Display with ASCII Input Controller, DC/DC Converter and Drive Circuitry
Revision 21-Dec-00
280108-05 VISHAY-280108-05 Datasheet
199Kb / 9P
   Graphic Plasma Display Controller
18-Jul-08
280108-05 VISHAY-280108-05 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
280108-05 VISHAY-280108-05 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 480 Character Display with Drive Electronics Controller and Serial Interface
Revision 08-Nov-00
280108-05 VISHAY-280108-05 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
More results

Similar Description - 280108-05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
   Plasma Panel Display Modules
18-Jul-08
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
   Plasma Panel Display Modules
18-Jul-08
APD-128G032 VISHAY-APD-128G032_V01 Datasheet
156Kb / 3P
   Plasma Display Modules
18-Jul-08
APD-128G064 VISHAY-APD-128G064 Datasheet
63Kb / 3P
   Plasma Display Modules
18-Jul-08
APD-128G064A VISHAY-APD-128G064A Datasheet
48Kb / 1P
   Plasma Display Modules
Revision 08-Nov-00
APD-128G032A VISHAY-APD-128G032A Datasheet
56Kb / 3P
   Plasma Display Modules
18-Jul-08
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
   Plasma Display Panel
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com