Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFC240B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFC240B
Description  Low Distortion GaAs Power FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EFC240B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFC240B Datasheet HTML 1Page - List of Unclassifed Manufacturers EFC240B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Excelics
EFC240B
PRELIMINARY DATA SHEET
Low Distortion GaAs Power FET
+31.0dBm TYPICAL OUTPUT POWER
8.5dB TYPICAL POWER GAIN AT 12GHz
HIGH BVgd FOR 10V BIAS
0.3 X 2400 MICRON RECESSED
“MUSHROOM” GATE
Si3N4 PASSIVATION
ADVANCED EPITAXIAL DOPING PROFILE
PROVIDES HIGH POWER EFFICIENCY,
LINEARITY AND RELIABILITY
Idss SORTED IN 40mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
f=12GHz
Vds=10V, Ids=50% Idss
f=18GHz
29.0
31.0
31.0
dBm
G1dB
Gain at 1dB Compression
f=12GHz
Vds=10V, Ids=50% Idss
f=18GHz
7.0
8.5
6.0
dB
PAE
Power Added Efficiency at 1dB compression
Vds=10V, Ids=50% Idss
f=12GHz
33
%
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
320
520
720
mA
Gm
Transconductance
Vds=3V, Vgs=0V
200
280
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=6mA
-2.5
-4.0
V
BVgd
Drain Breakdown Voltage Igd=2.4mA
-15
-20
V
BVgs
Source Breakdown Voltage Igs=2.4mA
-10
-17
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
20
oC/W
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
14V
10V
Vgs
Gate-Source Voltage
-8V
-4.5V
Ids
Drain Current
Idss
570mA
Igsf
Forward Gate Current
60mA
10mA
Pin
Input Power
29dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
6.8 W
5.7 W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
Chip Thickness: 75
± 13 microns
All Dimensions In Microns
960
50
350
50
120
48
100
95
40
156
D
DD
D
G
GG
G
S
S
S
S
S


Similar Part No. - EFC240B

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EFC240B EXCELICS-EFC240B Datasheet
32Kb / 2P
   Low Distortion GaAs Power FET
EFC240B-180F EXCELICS-EFC240B-180F Datasheet
87Kb / 1P
   Low Distortion GaAs Power FET
More results

Similar Description - EFC240B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFA060B-70 ETC-EFA060B-70 Datasheet
25Kb / 2P
   Low Distortion GaAs Power FET
EFA072A ETC-EFA072A Datasheet
43Kb / 2P
   Low Distortion GaAs Power FET
EFC120 ETC-EFC120 Datasheet
23Kb / 2P
   Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA025A-100P EXCELICS-EFA025A-100P Datasheet
107Kb / 2P
   Low Distortion GaAs Power FET
logo
List of Unclassifed Man...
EFA080A-100F ETC1-EFA080A-100F Datasheet
33Kb / 2P
   Low Distortion GaAs Power FET
EFC060B ETC1-EFC060B Datasheet
27Kb / 2P
   Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA240B EXCELICS-EFA240B Datasheet
39Kb / 2P
   Low Distortion GaAs Power FET
EFA240D EXCELICS-EFA240D Datasheet
24Kb / 2P
   Low Distortion GaAs Power FET
EFA480C EXCELICS-EFA480C Datasheet
28Kb / 2P
   Low Distortion GaAs Power FET
EFC120B EXCELICS-EFC120B Datasheet
28Kb / 2P
   Low Distortion GaAs Power FET
EFA018A EXCELICS-EFA018A Datasheet
157Kb / 2P
   Low Distortion GaAs Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com