Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB28E016 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HB28E016
Description  Mobile Embedded Flash with MultiMediaCard-TM Interface 16 Mbyte/32 Mbyte
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB28E016 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HB28E016 Datasheet HTML 1Page - Hitachi Semiconductor HB28E016 Datasheet HTML 2Page - Hitachi Semiconductor HB28E016 Datasheet HTML 3Page - Hitachi Semiconductor HB28E016 Datasheet HTML 4Page - Hitachi Semiconductor HB28E016 Datasheet HTML 5Page - Hitachi Semiconductor HB28E016 Datasheet HTML 6Page - Hitachi Semiconductor HB28E016 Datasheet HTML 7Page - Hitachi Semiconductor HB28E016 Datasheet HTML 8Page - Hitachi Semiconductor HB28E016 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Preliminary: The specification of this device are subject to change without notice. Please contact your
nearest Hitachi’s Sales Dept. regarding specification.
HB28E016BP2/HB28D032BP2
Mobile Embedded Flash with MultiMediaCard
™ Interface
16 Mbyte/32 Mbyte
ADE-203-1293A (Z)
Preliminary
Rev. 0.1
Nov. 5, 2001
Description
The HB28E016BP2 and HB28D032BP2 are Hitachi Mobile Embedded Flashes with MultiMediaCard
TM
interface, which are highly integrated flash memories with serial and random access capability. It is
accessible via a dedicated serial interface optimized for fast and reliable data transmission. This interface
allows several cards to be stacked by through connecting their peripheral contacts. These Hitachi Mobile
Embedded Flashes are fully compatible to a new consumer standard, called the MultiMediaCard system
standard defined in the MultiMediaCard system specification [1], except the physical outline and the pin
assignment.
The MultiMediaCard system is a new mass-storage system based on innovations in
semiconductor technology. It has been developed to provide an inexpensive, mechanically robust storage
medium in card form for multimedia consumer applications. These Hitachi Mobile Embedded Flashes
allow the design of inexpensive players and drives without moving parts. A low power consumption and a
wide supply voltage range favors mobile, battery-powered applications such as audio players, organizers,
palmtops, electronic books, encyclopedia and dictionaries. Using very effective data compression schemes
such as MPEG, these Hitachi Mobile Embedded Flashes will deliver enough capacity for all kinds of
multimedia data: software/programs, text, music, speech, images, video etc.
Note:
MultiMediaCard
™ is a trademark of Infineon Technologies AG.
Features
• 16 MByte/32 MByte memory capacity
• On card error correction


Similar Part No. - HB28E016

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28E016MM2 HITACHI-HB28E016MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
More results

Similar Description - HB28E016

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Hitachi Semiconductor
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com