Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNZ3134 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # CNZ3134
Description  Optoisolators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNZ3134 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  CNZ3134 Datasheet HTML 1Page - Panasonic Semiconductor CNZ3134 Datasheet HTML 2Page - Panasonic Semiconductor CNZ3134 Datasheet HTML 3Page - Panasonic Semiconductor CNZ3134 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Optoisolators (Photocouplers)
CNC1S101,CNZ3132,CNZ3133,CNZ3134
IF , IC — Ta
IC — VCE
Collector to emitter voltage
V
CE (V)
Ta = 25˚C
10 2
1
10
0
0.2
0.4
0.6
0.1
0.3
0.5
10 –1
IC — VCE
40
10
20
30
Collector to emitter voltage
V
CE (V)
816
24
40
32
0
0
60
50
40
30
20
10
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 30
PC , PD — Ta
160
120
80
40
Ambient temperature
Ta (˚C )
0
20406080
120
100
0
– 30
ICEO — Ta
10
10 –2
1
10 –3
10 –1
Ambient temperature
Ta (˚C )
10 –4
– 40 – 20
0
40
80
20
60
100
IC — VCE(sat)
Collector to emitter saturation voltage V
CE(sat) (V)
Ta = 25˚C
10 2
1
10
0
0.2
0.4
0.6
0.1
0.3
0.5
10 –1
IC — Ta
160
120
80
40
0
100
50
0
– 50
VCC = 5V
Ambient temperature
Ta (˚C )
IF — VF
60
30
20
10
50
40
Forward voltage
V
F (V)
0.9
1.0
1.1
1.2
1.4
1.3
0
0
Ta = 25˚C
IC — IF
10 2
10
1
10 –1
Forward current
I
F (mA)
110
10 2
10 –2
10 –1
VCC = 10V
Ta = 25˚C
IF = 50mA
20mA
10mA
5mA
2mA
VCE = 30V
20V
10V
IF = 10mA
10mA
5mA
5mA
1mA
1mA
IF = 50mA
40mA
30mA
25mA
20mA
15mA
12mA
10mA
9mA 8mA
7mA
6mA
5mA
4mA
3mA
1mA
2mA
IF = 50mA
20mA
10mA
5mA
2mA
IF, IC
PC
PD


Similar Part No. - CNZ3134

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ3182 PANASONIC-CNZ3182 Datasheet
92Kb / 4P
   Optoisolators
CNZ3182 PANASONIC-CNZ3182 Datasheet
103Kb / 5P
   Optoisolators (Photocouplers)
More results

Similar Description - CNZ3134

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com