Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3200R-30330-C Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PC3200R-30330-C
Description  184 - Pin Registered Double Data Rate SDRAM Modules
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PC3200R-30330-C Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PC3200R-30330-C Datasheet HTML 6Page - Infineon Technologies AG PC3200R-30330-C Datasheet HTML 7Page - Infineon Technologies AG PC3200R-30330-C Datasheet HTML 8Page - Infineon Technologies AG PC3200R-30330-C Datasheet HTML 9Page - Infineon Technologies AG PC3200R-30330-C Datasheet HTML 10Page - Infineon Technologies AG PC3200R-30330-C Datasheet HTML 11Page - Infineon Technologies AG PC3200R-30330-C Datasheet HTML 12Page - Infineon Technologies AG PC3200R-30330-C Datasheet HTML 13Page - Infineon Technologies AG PC3200R-30330-C Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
HYS72D[32/64/128]3[00/20]GBR
Registered Double Data Rate SDRAM Modules
Pin Configuration
Data Sheet
10
Rev. 1.1, 2004-04
10102003-01E2-HPA8
78
DQS6
I/O
SSTL
Data Strobes 8:0
86
DQS7
I/O
SSTL
47
DQS8
I/O
SSTL
97
DM0
I
SSTL
Data Mask 0
Note:
×8 based module
DQS9
I/O
SSTL
Data Strobe 9
Note:
×4 based module
107
DM1
I
SSTL
Data Mask 1
Note:
×8 based module
DQS10 I/O
SSTL
Data Strobe 10
Note:
×4 based module
119
DM2
I
SSTL
Data Mask 2
Note:
×8 based module
DQS11 I/O
SSTL
Data Strobe 11
Note:
×4 based module
129
DM3
I
SSTL
Data Mask 3
Note:
×8 based module
DQS12 I/O
SSTL
Data Strobe 12
Note:
×4 based module
149
DM4
I
SSTL
Data Mask 4
Note:
×8 based module
DQS13 I/O
SSTL
Data Strobe 13
Note:
×4 based module
159
DM5
I
SSTL
Data Mask 5
Note:
×8 based module
DQS14 I/O
SSTL
Data Strobe 14
Note:
×4 based module
169
DM6
I
SSTL
Data Mask 6
Note:
×8 based module
DQS15 I/O
SSTL
Data Strobe 15
Note:
×4 based module
177
DM7
I
SSTL
Data Mask 7
Note:
×8 based module
DQS16 I/O
SSTL
Data Strobe 16
Note:
×4 based module
140
DM8
I
SSTL
Data Mask 8
Note:
×8 based module
DQS17 I/O
SSTL
Data Strobe 17
Note:
×4 based module
Table 3
Pin Configuration of RDIMM (cont’d)
Pin# Name
Pin
Type
Buffer
Type
Function
EEPROM
92
SCL
I
CMOS Serial Bus Clock
91
SDA
I/O
OD
Serial Bus Data
181
SA0
I
CMOS Slave Address Select
Bus 2:0
182
SA1
I
CMOS
183
SA2
I
CMOS
Power Supplies
1
V
REF
AI
I/O Reference Voltage
184
V
DDSPD
PWR
EEPROM Power
Supply
15,
22,
30,
54,
62,
77,
96,
104,
112,
128,
136,
143,
156,
164,
172,
180
V
DDQ
PWR
I/O Driver Power
Supply
7,
38,
46,
70,
85,
108,
120,
148,
168
V
DD
PWR
Power Supply
Table 3
Pin Configuration of RDIMM (cont’d)
Pin# Name
Pin
Type
Buffer
Type
Function


Similar Part No. - PC3200R-30330-C

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PC3200 AAEON-PC3200 Datasheet
2Mb / 2P
   12.1 TFT SVGA (800 x 600) LCD
More results

Similar Description - PC3200R-30330-C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D256520GR INFINEON-HYS72D256520GR Datasheet
638Kb / 25P
   184 Pin Registered Double Data Rate SDRAM Modules
Rev. 1.02, Dec. 2003
HYS72D128300GBR INFINEON-HYS72D128300GBR Datasheet
1Mb / 45P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 0.5, Dec. 2003
logo
Qimonda AG
HYS72D64301HBR QIMONDA-HYS72D64301HBR_07 Datasheet
2Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
HYS72D32300 QIMONDA-HYS72D32300 Datasheet
2Mb / 50P
   184-Pin Registered Double Data Rate SDRAM Module
logo
Infineon Technologies A...
HYS72D32300GBR INFINEON-HYS72D32300GBR Datasheet
1Mb / 38P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 1.0, Mar. 2004
logo
Qimonda AG
HYS72D64301 QIMONDA-HYS72D64301 Datasheet
2Mb / 51P
   184 - Pin Registered Double-Data-Rate SDRAM Module
HYS72D64301HBR-5-C QIMONDA-HYS72D64301HBR-5-C Datasheet
1Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
HYS64D32301HU QIMONDA-HYS64D32301HU Datasheet
1Mb / 39P
   184-Pin Unbuffered Double Data Rate SDRAM
logo
Infineon Technologies A...
HYS64D16301GU5C INFINEON-HYS64D16301GU5C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
HYS72D32000GR-7-B INFINEON-HYS72D32000GR-7-B Datasheet
418Kb / 23P
   2.5 V 184-pin Registered DDR-I SDRAM Modules
2002-09-10 rev. 0.91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com