Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8187 Datasheet(PDF) 11 Page - SMSC Corporation

Part # LAN8187
Description  High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8187 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button LAN8187 Datasheet HTML 7Page - SMSC Corporation LAN8187 Datasheet HTML 8Page - SMSC Corporation LAN8187 Datasheet HTML 9Page - SMSC Corporation LAN8187 Datasheet HTML 10Page - SMSC Corporation LAN8187 Datasheet HTML 11Page - SMSC Corporation LAN8187 Datasheet HTML 12Page - SMSC Corporation LAN8187 Datasheet HTML 13Page - SMSC Corporation LAN8187 Datasheet HTML 14Page - SMSC Corporation LAN8187 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
Datasheet
SMSC LAN8187/LAN8187I
11
Revision 0.6 (02-24-06)
DATASHEET
Table 2.1 LAN8187/LAN8187I 64-PIN TQFP Pinout
PIN NO.
PIN NAME
PIN NO.
PIN NAME
1
GPO0/MII
33
RX_DV
2
GPO1/PHYAD4
34
RX_CLK
3
GPO2
35
RX_ER/RXD4
4MODE0
36
NC
5
MODE1
37
AMDIX_EN
6
MODE2
38
TX_CLK
7
VSS1
39
TX_EN
8
NC
40
VSS5
9
TEST0
41
TXD0
10
TEST1
42
TXD1
11
NC
43
VDDIO
12
NC
44
TXD2
13
VDD33
45
TXD3
14
VDD_CORE
46
nINT/TX_ER/TXD4
15
VSS2
47
COL/CRS_DV
16
SPEED100/PHYAD0
48
CRS
17
LINK/PHYAD1
49
AVSS1
18
NC
50
TXN
19
ACTIVITY/PHYAD2
51
TXP
20
FDUPLEX/PHYAD3
52
AVSS2
21
NC
53
AVDD1
22
XTAL2
54
RXN
23
CLKIN/XTAL1
55
RXP
24
VSS3
56
NC
25
nRST
57
AVDD2
26
MDIO
58
AVSS3
27
MDC
59
EXRES1
28
VSS4
60
AVSS4
29
RXD3
61
AVDD3
30
RXD2
62
VSS6
31
RXD1
63
REG_EN
32
RXD0
64
NC


Similar Part No. - LAN8187

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8187 SMSC-LAN8187 Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN8187 SMSC-LAN8187 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187-JT SMSC-LAN8187-JT Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN8187-JT SMSC-LAN8187-JT Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187I SMSC-LAN8187I Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
More results

Similar Description - LAN8187

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8187 SMSC-LAN8187_06 Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
logo
Microchip Technology
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN9250 MICROCHIP-LAN9250 Datasheet
2Mb / 421P
   Integrated Ethernet PHY with HP Auto-MDIX
01/27/15
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com