Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K8G08U1A-I Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K9K8G08U1A-I
Description  FLASH MEMORY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K8G08U1A-I Datasheet(HTML) 3 Page - Samsung semiconductor

  K9K8G08U1A-I Datasheet HTML 1Page - Samsung semiconductor K9K8G08U1A-I Datasheet HTML 2Page - Samsung semiconductor K9K8G08U1A-I Datasheet HTML 3Page - Samsung semiconductor K9K8G08U1A-I Datasheet HTML 4Page - Samsung semiconductor K9K8G08U1A-I Datasheet HTML 5Page - Samsung semiconductor K9K8G08U1A-I Datasheet HTML 6Page - Samsung semiconductor K9K8G08U1A-I Datasheet HTML 7Page - Samsung semiconductor K9K8G08U1A-I Datasheet HTML 8Page - Samsung semiconductor K9K8G08U1A-I Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
FLASH MEMORY
3
K9F4G08U0A
K9K8G08U1A
Preliminary
GENERAL DESCRIPTION
FEATURES
• Voltage Supply
- 2.70V ~ 3.60V
• Organization
- Memory Cell Array : (512M + 16M) x 8bit
- Data Register : (2K + 64) x 8bit
• Automatic Program and Erase
- Page Program : (2K + 64)Byte
- Block Erase : (128K + 4K)Byte
• Page Read Operation
- Page Size : (2K + 64)Byte
- Random Read : 25
µs(Max.)
- Serial Access : 25ns(Min.)
512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
• Fast Write Cycle Time
- Page Program time : 200
µs(Typ.)
- Block Erase Time : 1.5ms(Typ.)
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
-Endurance : 100K Program/Erase Cycles(with 1bit/512Byte
ECC)
- Data Retention : 10 Years
• Command Driven Operation
• Intelligent Copy-Back with internal 1bit/528Byte EDC
• Unique ID for Copyright Protection
• Package :
- K9F4G08U0A-PCB0/PIB0
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)
- K9F4G08U0A-ICB0/IIB0
52 - Pin ULGA (12 x 17 / 1.00 mm pitch)
- K9K8G08U1A-ICB0/IIB0
52 - Pin ULGA (12 x 17 / 1.00 mm pitch)
Offered in 512Mx8bit, the K9F4G08U0A is a 4G-bit NAND Flash Memory with spare 128M-bit. Its NAND cell provides the most cost-
effective solution for the solid state application market. A program operation can be performed in typical 200
µs on the (2K+64)Byte
page and an erase operation can be performed in typical 1.5ms on a (128K+4K)Byte block. Data in the data register can be read out
at 25ns cycle time per Byte. The I/O pins serve as the ports for address and data input/output as well as command input. The on-chip
write controller automates all program and erase functions including pulse repetition, where required, and internal verification and
margining of data. Even the write-intensive systems can take advantage of the K9F4G08U0A
′s extended reliability of 100K program/
erase cycles by providing ECC(Error Correcting Code) with real time mapping-out algorithm. The K9F4G08U0A is an optimum solu-
tion for large nonvolatile storage applications such as solid state file storage and other portable applications requiring non-volatility.
PRODUCT LIST
Part Number
Vcc Range
Organization
PKG Type
K9F4G08U0A-P
2.70 ~ 3.60V
X8
TSOP1
K9F4G08U0A-I
52ULGA
K9K8G08U1A-I


Similar Part No. - K9K8G08U1A-I

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
More results

Similar Description - K9K8G08U1A-I

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com