Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3200R-30331-D Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PC3200R-30331-D
Description  184 - Pin Registered Double Data Rate SDRAM Modules
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PC3200R-30331-D Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PC3200R-30331-D Datasheet HTML 3Page - Infineon Technologies AG PC3200R-30331-D Datasheet HTML 4Page - Infineon Technologies AG PC3200R-30331-D Datasheet HTML 5Page - Infineon Technologies AG PC3200R-30331-D Datasheet HTML 6Page - Infineon Technologies AG PC3200R-30331-D Datasheet HTML 7Page - Infineon Technologies AG PC3200R-30331-D Datasheet HTML 8Page - Infineon Technologies AG PC3200R-30331-D Datasheet HTML 9Page - Infineon Technologies AG PC3200R-30331-D Datasheet HTML 10Page - Infineon Technologies AG PC3200R-30331-D Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
HYS72D[32/64/128]3[00/20]GBR
Registered Double Data Rate SDRAM Modules
Overview
Data Sheet
7
Rev. 1.1, 2004-04
10102003-01E2-HPA8
Note: All “product type” end with a place code designating the silicon-die revision. Reference information available
on request. Example: HYS72D64300GR-5-B, indicating rev. C dies are used for SDRAM components. The
“compliance code” is printed on the module labels describing the speed sort (for example “PC2700”), the
latencies and SPD code definition (for example “20330” means CAS latency of 2.0 clocks, RCD
1) latency of
3 clocks, Row Precharge latency of 3 clocks, and JEDEC SPD code definiton version 0), and the Raw Card
used for this module.
Table 2
Ordering Information
Type
Compliance Code
Description
SDRAM Technology
PC3200 (CL = 3,
t
RP = tRCD = 3 at tCK = 5ns)
HYS72D32300GBR–5–B
PC3200R-30330-A
one rank 256 MB Registered
DIMM
256 Mbit (
×8)
HYS72D64300GBR–5–B
PC3200R-30330-C
one rank 512 MB Registered
DIMM
256 Mbit (
×4)
HYS72D64320GBR–5–B
PC3200R-30330-B
two ranks 512 MB Registered
DIMM
256 Mbit (
×8)
HYS72D128320GBR–5–B PC3200R-30331-D
two ranks 1 GB Registered
DIMM
256 Mbit (
×4)
PC2700 (CL = 2.5,
t
RP = tRCD = 3 at tCK = 6ns)
HYS72D32300GBR–6–B
PC2700R-25330-A
one rank 256 MB Registered
DIMM
256 Mbit (
×8)
HYS72D64300GBR–6–B
PC2700R-25330-C
one rank 512 MB Registered
DIMM
256 Mbit (
×4)
HYS72D64320GBR–6–B
PC2700R-25330-B
two ranks 512 MB Registered
DIMM
256 Mbit (
×8)
HYS72D128320GBR–6–B PC2700R-25330-D
two ranks 1 GB Registered
DIMM
256 Mbit (
×4)
PC2100 (CL = 2,
t
RP = tRCD = 3 at tCK = 7.5ns)
HYS72D32300GBR–7–B
PC2100R-20330-A
one rank 256 MB Registered
DIMM
256 Mbit (
×8)
HYS72D64300GBR–7–B
PC2100R-20330-C
one rank 512 MB Registered
DIMM
256 Mbit (
×4)
HYS72D64320GBR–7–B
PC2100R-20330-B
two ranks 512 MB Registered
DIMM
256 Mbit (
×8)
HYS72D128320GBR–7–B PC2100R-20330-D
two ranks 1 GB Registered
DIMM
256 Mbit (
×4)
1) RCD: Row-Column-Delay


Similar Part No. - PC3200R-30331-D

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PC3200 AAEON-PC3200 Datasheet
2Mb / 2P
   12.1 TFT SVGA (800 x 600) LCD
More results

Similar Description - PC3200R-30331-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D256520GR INFINEON-HYS72D256520GR Datasheet
638Kb / 25P
   184 Pin Registered Double Data Rate SDRAM Modules
Rev. 1.02, Dec. 2003
HYS72D128300GBR INFINEON-HYS72D128300GBR Datasheet
1Mb / 45P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 0.5, Dec. 2003
logo
Qimonda AG
HYS72D64301HBR QIMONDA-HYS72D64301HBR_07 Datasheet
2Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
HYS72D32300 QIMONDA-HYS72D32300 Datasheet
2Mb / 50P
   184-Pin Registered Double Data Rate SDRAM Module
logo
Infineon Technologies A...
HYS72D32300GBR INFINEON-HYS72D32300GBR Datasheet
1Mb / 38P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 1.0, Mar. 2004
logo
Qimonda AG
HYS72D64301 QIMONDA-HYS72D64301 Datasheet
2Mb / 51P
   184 - Pin Registered Double-Data-Rate SDRAM Module
HYS72D64301HBR-5-C QIMONDA-HYS72D64301HBR-5-C Datasheet
1Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
HYS64D32301HU QIMONDA-HYS64D32301HU Datasheet
1Mb / 39P
   184-Pin Unbuffered Double Data Rate SDRAM
logo
Infineon Technologies A...
HYS64D16301GU5C INFINEON-HYS64D16301GU5C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
HYS72D32000GR-7-B INFINEON-HYS72D32000GR-7-B Datasheet
418Kb / 23P
   2.5 V 184-pin Registered DDR-I SDRAM Modules
2002-09-10 rev. 0.91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com