Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1455EUE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1455EUE
Description  Low-Cost Automotive Sensor Signal Conditioner
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1455EUE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1455EUE Datasheet HTML 1Page - Maxim Integrated Products MAX1455EUE Datasheet HTML 2Page - Maxim Integrated Products MAX1455EUE Datasheet HTML 3Page - Maxim Integrated Products MAX1455EUE Datasheet HTML 4Page - Maxim Integrated Products MAX1455EUE Datasheet HTML 5Page - Maxim Integrated Products MAX1455EUE Datasheet HTML 6Page - Maxim Integrated Products MAX1455EUE Datasheet HTML 7Page - Maxim Integrated Products MAX1455EUE Datasheet HTML 8Page - Maxim Integrated Products MAX1455EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Low-Cost Automotive Sensor Signal
Conditioner
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VDD_ to VSS .......................................-0.3V, +6V
VDD1 - VDD2..............................................................-0.3V, +0.6V
All Other Pins..................................(VSS - 0.3V) to (VDD_ + 0.3V)
Short-Circuit Duration, OUT, BDR, AMPOUT .............Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin SSOP (derate 8.00mW/°C above +70°C) .........640mW
Operating Temperature Ranges (TMIN to TMAX)
MAX1455EUE ..................................................-40°C to +85°C
MAX1455AUE ................................................-40°C to +125°C
MAX1455C/D ...................................................-40°C to +85°C
MAX1455EAE ..................................................-40°C to +85°C
MAX1455AAE ................................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL CHARACTERISTICS
Supply Voltage
VDD
4.5
5.0
5.5
V
Supply Current
IDD
IDD1 + IDD2 (Note 1)
3.0
6.0
mA
Oscillator Frequency
fOSC
0.85
1
1.15
MHz
ANALOG INPUT
Input Impedance
RIN
1M
Input-Referred Adjustable Offset
Range
Offset TC = 0 (Note 2), minimum gain
±150
mV
Input-Referred Offset Tempco
TA = TMIN to TMAX
±1
µV/°C
Amplifier Gain Nonlinearity
0.025
%
Common-Mode Rejection Ratio
CMRR
Specified for common-mode voltages
between VSS and VDD
90
dB
Minimum Input-Referred FSO
Range
(Note 3)
7
mV/V
Maximum Input-Referred FSO
Range
(Note 3)
40
mV/V
ANALOG OUTPUT
Minimum Differential Signal-
Gain Range
PGA [3:0] = 0000
39
V/V
Maximum Differential Signal-
Gain Range
PGA [3:0] = 1111
234
V/V
Low
0.10
Clip[1:0] = 00
High
4.90
Low
0.15
Clip[1:0] = 01
High
4.85
Low
0.20
Clip[1:0] = 10
High
4.80
Low
0.25
Output Clip Voltage Settings
VOUT
No load,
TA = TMIN to TMAX
Clip[1:0] = 11
High
4.75
V
Load Current Source
VOUT = +0.5V to +4.5V, TA = TMIN to TMAX,
Clip[1:0] = 00
1mA


Similar Part No. - MAX1455EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1455EUE** MAXIM-MAX1455EUE* Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
More results

Similar Description - MAX1455EUE

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_09 Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_07 Datasheet
456Kb / 38P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
logo
List of Unclassifed Man...
ZSC31010CEG1 ETC2-ZSC31010CEG1 Datasheet
827Kb / 46P
   ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com