Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4350EUK-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4350EUK-T
Description  Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4350EUK-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4350EUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX4350EUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX4350EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX4350EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4350EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4350EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4350EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4350EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4350EUK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Ultra-Small, Low-Cost, 210MHz, Dual-Supply
Op Amps with Rail-to-Rail Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, RL =
to 0, VOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Supply Voltage (VCC to VEE)................................................+12V
IN_-, IN_+, OUT_..............................(VEE - 0.3V) to (VCC + 0.3V)
Output Short-Circuit Current to VCC or VEE ......................150mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 2.5mW/°C above +70°C) .............200mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C) ...........571mW
8-Pin SOT23 (derate 5.26mW/°C above +70°C) .........421mW
8-Pin SO (derate 5.9mW/°C above +70°C) .................471mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or at any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode
Voltage Range
VCM
Guaranteed by CMRR test
VEE
VCC -
2.25
V
Input Offset Voltage
VOS
126
mV
Input Offset Voltage Matching
MAX4351 only
1
mV
Input Offset Voltage Temperature
Coefficient
TCVOS
8
µV/°C
Input Bias Current
IB
7.5
20
µA
Input Offset Current
IOS
0.5
4
µA
Differential mode (-1V
≤ VIN ≤ +1V)
70
k
Input Resistance
RIN
Common mode (-5V
≤ VCM ≤ +2.75V)
3
M
Common-Mode Rejection Ratio
CMRR
VEE
≤ VCM ≤ (VCC - 2.25V)
70
95
dB
-4.5V
≤ VOUT ≤ +4.5V, RL = 2kΩ
50
60
-4.25V
≤ VOUT ≤ +4.25V, RL = 150Ω
48
58
Open-Loop Gain
AVOL
-3.75V
≤ VOUT ≤ +3.75V, RL = 75Ω
57
dB
VCC - VOH
0.125
0.350
RL = 2k
VOL - VEE
0.065
0.170
VCC - VOH
0.525
0.750
RL = 150
VOL - VEE
0.370
0.550
VCC - VOH
0.925
1.550
Output Voltage Swing
VOUT
RL = 75
VOL - VEE
0.750
1.7
V
Sourcing
55
80
Output Current
IOUT
RL = 50
Sinking
40
75
mA
Output Short-Circuit Current
ISC
Sinking or sourcing
±120
mA
Open-Loop Output Resistance
ROUT
8
Power-Supply Rejection Ratio
PSRR
VS =
±4.5V to ±5.5V
52
66
dB
Operating Supply-Voltage
Range
VS
VCC, VEE
±4.5
±5.5
V
Quiescent Supply Current
(Per Amplifier)
IS
6.9
9.0
mA


Similar Part No. - MAX4350EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX435 MAXIM-MAX435 Datasheet
700Kb / 16P
   Wideband Trasconductance Amplifiers
Rev 1; 4/93
MAX4352 MAXIM-MAX4352 Datasheet
655Kb / 15P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 2/01
MAX4352-MAX4454 MAXIM-MAX4352-MAX4454 Datasheet
655Kb / 15P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 2/01
MAX4352EUK-T MAXIM-MAX4352EUK-T Datasheet
655Kb / 15P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 2/01
MAX4352EUK-T MAXIM-MAX4352EUK-T Datasheet
765Kb / 19P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
More results

Similar Description - MAX4350EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com