Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT80C06S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MDT80C06S
Description  PS2 optical 2D/3D, 3/5 key mouse controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDT80C06S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MDT80C06S Datasheet HTML 3Page - List of Unclassifed Manufacturers MDT80C06S Datasheet HTML 4Page - List of Unclassifed Manufacturers MDT80C06S Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT80C06S Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT80C06S Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT80C06S Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT80C06S Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT80C06S Datasheet HTML 10Page - List of Unclassifed Manufacturers MDT80C06S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MDT80C06
PS2 optical 2D/3D, 3/5 key mouse controller
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
P.7
2003/9 V1.2
8. Electrical Characteristics (TA=0℃ to 70℃)
Absolute Maximum Ratings
Ratings
Parameter
Min.
Max.
Unit
Temperature under bias
-40
85
Storage temperature range
-65
150
Supply voltage
-0.6
6.5
Volt
DC Electrical Characteristics
Parameters
Sym.
Min.
Typ.
Max.
Unit
L,M,R,K4,K5,Z1,Z2 (key mode) input voltage
Vai
1.27
V
L,M,R,K4,K5,Z1,Z2 input leakage current (Vin=0V)
Iil
-1.0
uA
L,M,R,K4,K5,Z1,Z2 input leakage current (Vin=5V)
Iih
1.0
uA
SCK,SDIO input voltage
Vi
2.0
V
PS/2 mouse mode
Parameters
Sym.
Min.
Typ.
Max.
Unit
Operating voltage
VDD
4.5
5.0
5.5
V
Operating current (no load)
IOP
1
mA
DATA, CLK Threshold voltage
Vt
0.9
1.25
1.6
V
DATA, CLK Input low current (Pull Hi)
Vt
0.9
1.2
1.5
mA
DATA, CLK Low output voltage (IL1=4mA)
VL1
0.1
V
DATA, CLK Low output voltage (IL2=8mA)
VL2
0.2
V


Similar Part No. - MDT80C06S

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT80C06S MDTIC-MDT80C06S Datasheet
152Kb / 21P
   PS2 optical 2D/3D, 3/5 key mouse controller
More results

Similar Description - MDT80C06S

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT80C06 MDTIC-MDT80C06 Datasheet
152Kb / 21P
   PS2 optical 2D/3D, 3/5 key mouse controller
logo
Holtek Semiconductor In...
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M938T HOLTEK-HT82M938T Datasheet
162Kb / 12P
   27MHz 3D PS2 Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M98A HOLTEK-HT82M98A Datasheet
89Kb / 7P
   3D USBPS2 Mouse
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
   3-Key 3D PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com