Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9030LR1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF9030LR1
Description  The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9030LR1 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF9030LR1 Datasheet HTML 1Page - Motorola, Inc MRF9030LR1 Datasheet HTML 2Page - Motorola, Inc MRF9030LR1 Datasheet HTML 3Page - Motorola, Inc MRF9030LR1 Datasheet HTML 4Page - Motorola, Inc MRF9030LR1 Datasheet HTML 5Page - Motorola, Inc MRF9030LR1 Datasheet HTML 6Page - Motorola, Inc MRF9030LR1 Datasheet HTML 7Page - Motorola, Inc MRF9030LR1 Datasheet HTML 8Page - Motorola, Inc MRF9030LR1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
MRF9030LR1 MRF9030LSR1
MOTOROLA RF DEVICE DATA
The RF Sub-Micron MOSFET Line
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for broadband commercial and industrial applications with frequen-
cies up to 1.0 GHz. The high gain and broadband performance of these devices
make them ideal for large-signal, common-source amplifier applications in
26 volt base station equipment.
• Typical Two-Tone Performance at 945 MHz, 26 Volts
Output Power — 30 Watts PEP
Power Gain — 19 dB
Efficiency — 41.5%
IMD — -32.5 dBc
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 945 MHz, 30 Watts CW
Output Power
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• In Tape and Reel. R1 Suffix = 500 Units per 32 mm, 13 inch Reel.
• Low Gold Plating Thickness on Leads. L Suffix Indicates 40µ″ Nominal.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
68
Vdc
Gate-Source Voltage
VGS
- 0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
MRF9030LR1
Derate above 25°C
MRF9030LSR1
PD
92
0.53
117
0.67
Watts
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
MRF9030LR1
MRF9030LSR1
RθJC
1.9
1.5
°C/W
ESD PROTECTION CHARACTERISTICS
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M1 (Minimum)
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Order this document
by MRF9030/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF9030LR1
MRF9030LSR1
945 MHz, 30 W, 26 V
LATERAL N-CHANNEL
BROADBAND
RF POWER MOSFETs
CASE 360B-05, STYLE 1
NI-360
MRF9030LR1
CASE 360C-05, STYLE 1
NI-360S
MRF9030LSR1
Motorola, Inc. 2003
REV 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF9030LR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9030LR1 FREESCALE-MRF9030LR1 Datasheet
356Kb / 10P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - MRF9030LR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
   The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF9030MR1 FREESCALE-MRF9030MR1 Datasheet
620Kb / 12P
   The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9030MR1 MOTOROLA-MRF9030MR1 Datasheet
452Kb / 12P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF21120 MOTOROLA-MRF21120 Datasheet
401Kb / 8P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Trasistor N-Channel Enhancement-Mode Lateral MOSFET
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF18030BR3 MOTOROLA-MRF18030BR3 Datasheet
275Kb / 8P
   THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
MRF9045M MOTOROLA-MRF9045M Datasheet
144Kb / 8P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5S21100LR3 MOTOROLA-MRF5S21100LR3 Datasheet
564Kb / 12P
   The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com