Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE1617A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NE1617A
Description  Temperature monitor for microprocessor systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE1617A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NE1617A Datasheet HTML 7Page - NXP Semiconductors NE1617A Datasheet HTML 8Page - NXP Semiconductors NE1617A Datasheet HTML 9Page - NXP Semiconductors NE1617A Datasheet HTML 10Page - NXP Semiconductors NE1617A Datasheet HTML 11Page - NXP Semiconductors NE1617A Datasheet HTML 12Page - NXP Semiconductors NE1617A Datasheet HTML 13Page - NXP Semiconductors NE1617A Datasheet HTML 14Page - NXP Semiconductors NE1617A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Philips Semiconductors
Product data sheet
NE1617A
Temperature monitor for microprocessor systems
2004 Oct 05
11
Configuration register
The configuration register is used to mask the Alert interrupt and/or
to put the device in software standby mode. Only two bits 6 and 7 of
this register are used as listed in Table 3. Bit 7 is used to mask the
device ALERT output from Alert interruption when this bit is set to 1
and bit 6 is used to activate the standby software mode when this bit
is set to to 1.
This register can be written or read using the commands of registers
named WC and RC accordingly. Upon Power-On Reset (POR), both
bits are reset to zero.
Table 3. Configuration register bit assignments
BIT
NAME
POR
STATE
FUNCTION
7 (MSB)
MASK
0
Mask ALERT interrupt:
Interrupt is enabled when
this bit is LOW, and disabled
when this bit is HIGH.
6
RUN/STOP
0
Standby or run mode control:
When LOW, running mode is
enabled. When HIGH,
standby mode is initiated.
5 to 0
RESERVED
n/a
n/a
External and internal temperature registers
Results of temperature measurements after every ADC conversion
are stored in two registers: Internal Temp register (RIT) for internal
or local diode temperature, and External Temp register (RET) for
external or remote diode temperature. These registers can be only
read over the SMBus. The reading temperature data is in 2’s
complement binary form consisting of 7-bit data and 1-bit sign
(MSB), with each data count represents 1
°C, and the MSB bit is
transmitted first over the serial bus. The contents of those two
registers are updated upon completion of each ADC conversion.
Table 4 shows some values of the temperature and data.
Table 4. Temperature data format
(2’s complement)
TEMPERATURE (
°C)
DIGITAL OUTPUT (8 BITS)
+127
0 111 1111
+126
0 111 1110
+100
0 110 0100
+50
0 011 0010
+25
0 001 1001
+1
0 000 0001
0
0 000 0000
–1
1 111 1111
–25
1 110 0111
–50
1 100 1110
–65
1 011 1111
Conversion rate register
The conversion rate register is used to store programmable
conversion data, which defines the time interval between
conversions in standard free-running auto-convert mode. The
Table 5 shows all applicable data and rates for the device. Only
three LSB bits of the register are used and other bits are reserved
for future use. This register can be written to and read back over the
SMBus using commands of the registers named WCR and RCR
respectively. The POR default conversion data is 02h (0.25Hz).
Notice that the average supply current, as well as the device power
consumption, is increased with the conversion rate.
Table 5. Conversion rate control byte
DATA
CONVERSION
RATE (Hz)
AVERAGE
SUPPLY CURRENT
(
µA Typ. @ VDD = 3.3 V)
00h
0.0625
TBD
01h
0.125
TBD
02h
0.25
TBD
03h
0.5
TBD
04h
1
TBD
05h
2
TBD
06h
4
TBD
07h
8
TBD
08h to FFh
Reserved
n/a
Temperature limit registers
The device has four registers to be used for storing programmable
temperature limits, including the high limit and the low limit for each
channel of the external and internal diodes. Data of the temperature
register (RIT & RET) for each channel are compared with the
contents of the temperature limit registers of the same channel,
resulting in alarm conditions. If measured temperature either equals
or exceeds the corresponding temperature limits, an Alert interrupt is
asserted and the corresponding flag bit in the status register is set.
The temperature limit registers can be written to and read back
using commands of registers named WIHL, WILL, WEHL, WELL,
RIHL, RILL, REHL, RELL accordingly. The POR default values are
+127
°C (0111 1111) for the HIGH limit and –55 °C (1100 1001) for
the LOW limit.
One-shot command
The one shot command is not actually a data register as such and a
write operation to it will initiate an ADC conversion. The send byte
format of the SMBus, as described later, with the use of OSHT
command (0Fh), is used for this writing operation. In normal
free-running-conversion operation mode of the device, a one-shot
command immediately forces a new conversion cycle to begin.
However, if a conversion is in progress when a one-shot command
is received, the command is ignored. In software standby mode, the
one-shot command generates a single conversion and comparison
cycle and then puts the device back in its standby mode after the
conversion. In hardware standby mode, the one shot is inhibited.


Similar Part No. - NE1617A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
NE1617A NXP-NE1617A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
NE1617ADS NXP-NE1617ADS Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
More results

Similar Description - NE1617A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
   Temperature monitor for microprocessor systems
2002 Jan 04
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com