Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL22CV10AP-7 Datasheet(PDF) 8 Page - Anachip Corp

Part # PEEL22CV10AP-7
Description  PEEL??22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL22CV10AP-7 Datasheet(HTML) 8 Page - Anachip Corp

Back Button PEEL22CV10AP-7 Datasheet HTML 2Page - Anachip Corp PEEL22CV10AP-7 Datasheet HTML 3Page - Anachip Corp PEEL22CV10AP-7 Datasheet HTML 4Page - Anachip Corp PEEL22CV10AP-7 Datasheet HTML 5Page - Anachip Corp PEEL22CV10AP-7 Datasheet HTML 6Page - Anachip Corp PEEL22CV10AP-7 Datasheet HTML 7Page - Anachip Corp PEEL22CV10AP-7 Datasheet HTML 8Page - Anachip Corp PEEL22CV10AP-7 Datasheet HTML 9Page - Anachip Corp PEEL22CV10AP-7 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
04-02-010F
Table 9. A.C. Electrical Characteristics
Symbol
Parameter
-7 / I-7
-10 / I-10
-15 / I-15
-25 / I-25
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tPD
Input5 to non-registered output
7.5
10
15
25
ns
tOE
Input5 to output enable6
7.5
10
15
25
ns
tOD
Input5 to output disable6
7.5
10
15
25
ns
tCO1
Clock to Output
5.5
6
8
15
ns
tCO2
Clock to comb. output delay via
internal registered feedback
10
12
17
35
ns
tCF
Clock to Feedback
3.5
4
5
9
ns
tSC
Input5 or Feedback Setup to Clock
35
8
15
ns
tHC
Input5 Hold After Clock
00
00
ns
tCL, tCH
Clock Low Time, Click High Time8
34
6
13
ns
tCP
Min Clock Period Ext (tSC + tCO1)
8.5
11
18
30
ns
fMAX1
Internal Feedback (1tSC + tCF)12
142
111
76.9
41.6
MHz
fMAX2
External Feedback (1/tCP)12
117
90.9
62.5
33.3
MHz
fMAX3
No Feedback (1/tCL + tCH)12
166
125
83.3
38.4
MHz
tAW
Asynchronous Reset Pulse Width
7.5
10
15
25
ns
tAP
Input5 to Asynchronous Reset
7.5
10
15
25
ns
tAR
Asynch. Reset recovery time
7.5
10
15
25
ns
tRESET
Power-on Reset Time for
registers in Clear State
5
555
µs
Inputs, I/O,
Registered Feedback,
Synchronous Preset
Clock
Asynchronous
Reset
Registered
Outputs
Combinatorial
Outputs
Notes
1. Minimum DC input is -0.5V, however inputs may undershoot to -2.0V for
periods less than 20ns.
2. VI and VO are not specified for program/verify operation.
3. Test points for Clock and VCC in tR, tF are referenced at 10% and 90%
levels.
4. I/O pins are 0V and 3V.
5. “Input” refers to an Input pin signal.
6. tOE is measured from input transition to VREF ± 0.1V, tOD is measured
from input transition to VOH -0.1V or VOL +0.1V; VREF =VL see test loads
in Section 5 of the Data Book.
7. Capacitances are tested on a sample basis.
8. Test conditions assume: signal transition times of 3ns or less from the
10% and 90% points, timing reference levels of 1.5V (unless otherwise
specified).
9. Test one output at a time for a duration of less than 1sec.
10. ICC for a typical application: This parameter is tested with the device
programmed as an 8-bit Counter.
11. PEEL™ Device test loads are specified in Section 6 of this Data Book.
12. Parameters are not 100% tested. Specifications are based on initial
characterization and are tested after any design or process modifica-
tion which may affect operational frequency.
13. Available only for 22CV10A -15/I-15/-25/I-25 grades.
Switching Waveforms
Over the Operating Range8,11


Similar Part No. - PEEL22CV10AP-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22CV10AP-7 ANACHIP-PEEL22CV10AP-7 Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10AP-7 ANACHIP-PEEL22CV10AP-7 Datasheet
338Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10AP-7L ANACHIP-PEEL22CV10AP-7L Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10AP-7L ANACHIP-PEEL22CV10AP-7L Datasheet
338Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL22CV10AP-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEEL16V8P-15 ETC2-PEEL16V8P-15 Datasheet
206Kb / 10P
   PEEL??V8 -15/-25 CMOS Programmable Electrically Erasable Logic
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com