Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5936LB Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5936LB
Description  -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5936LB Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5936LB Datasheet HTML 5Page - Maxim Integrated Products MAX5936LB Datasheet HTML 6Page - Maxim Integrated Products MAX5936LB Datasheet HTML 7Page - Maxim Integrated Products MAX5936LB Datasheet HTML 8Page - Maxim Integrated Products MAX5936LB Datasheet HTML 9Page - Maxim Integrated Products MAX5936LB Datasheet HTML 10Page - Maxim Integrated Products MAX5936LB Datasheet HTML 11Page - Maxim Integrated Products MAX5936LB Datasheet HTML 12Page - Maxim Integrated Products MAX5936LB Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
-48V Hot-Swap Controllers with VIN
Step Immunity and No RSENSE
_______________________________________________________________________________________
9
In a normal power-up GATE cycle, the voltage at VOUT
(referenced to VEE) ramps to below 74% of the circuit-
breaker threshold voltage, VCB. At this time, the remaining
GATE voltage is rapidly pulled up to full enhancement.
PGOOD is asserted 1.26ms after GATE is fully enhanced
(see Figure 4). If the voltage at VOUT remains above 74%
of the VCB (when GATE reaches 90% of full enhance-
ment), then a power-up to fault management fault has
occurred (see Figure 5). GATE is rapidly pulled to VEE,
turning off the power MOSFET and disconnecting the
load. PGOOD remains deasserted and the MAX5936/
MAX5937 enter the fault management mode.
When the power MOSFET is fully enhanced, the
MAX5936/MAX5937 monitor the drain voltage (VOUT) for
circuit-breaker and short-circuit faults. The MAX5936/
MAX5937 make use of the power MOSFET’s RDS(ON) as
the current-sense resistance to detect excessive current
through the load. The short-circuit threshold voltage,
VSC, is twice VCB (VSC = 2 x VCB) and is available in
100mV, 200mV, and 400mV thresholds. VCB and VSC
are temperature-compensated (increasing with tempera-
ture) to track the normalized temperature coefficient of
RDS(ON) for typical power MOSFETs.
When the load current is increased during full enhance-
ment, this causes VOUT to exceed VCB but remains less
than VSC, and starts the 1.2ms circuit-breaker glitch
rejection timer. At the end of the glitch rejection period,
if VOUT still exceeds VCB, the GATE is immediately
pulled to VEE (330ns), PGOOD (PGOOD) is deasserted,
and the part enters fault management. Alternatively,
during full enhancement when VOUT exceeds VSC,
there is no glitch rejection timer. GATE is immediately
pulled to VEE, PGOOD is deasserted, and the part
enters fault management.
Figure 3. Load Probe Test During Initial Power-Up
40ms/div
VEE
20V/div
VLP
20V/div
VOUT
20V/div
ALL VOLTAGES
REFERENCED TO GND
Figure 2. GATE Voltage Clamp During Power-Up
VIN
20V/div
VGATE
1V/div
4ms/div
CIN = 100
µF
Figure 4. MAX5936 Normal Condition
VIN
50V/div
VPGOOD
50V/div
40ms/div
VGATE
10V/div
VOUT
50V/div
IIN
2A/div
Figure 5. MAX5936 Startup in Fault Condition
VIN
50V/div
VPGOOD
50V/div
40ms/div
VGATE
10V/div
VOUT
50V/div
IIN
2A/div


Similar Part No. - MAX5936LB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5936LB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
   -48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com