Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFG35010N Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRFG35010N
Description  RF Power Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFG35010N Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRFG35010N Datasheet HTML 1Page - Freescale Semiconductor, Inc MRFG35010N Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFG35010N Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFG35010N Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFG35010N Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFG35010N Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFG35010N Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFG35010N Datasheet HTML 8Page - Freescale Semiconductor, Inc MRFG35010N Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MRFG35010NT1
3
RF Device Data
Freescale Semiconductor
Figure 1. 3.5 GHz Test Circuit Schematic
Z11
0.400″ x 0.215″ Microstrip
Z12
0.025″ x 0.497″ Microstrip
Z13
0.025″ x 0.271″ Microstrip
Z14
0.025″ x 0.363″ Microstrip
Z15
0.025″ x 0.041″ Microstrip
Z16
0.045″ x 0.050″ Microstrip
Z17
0.045″ x 0.467″ Microstrip
PCB
Rogers 4350, 0.020″, εr = 3.5
Z1
0.045″ x 0.689″ Microstrip
Z2
0.045″ x 0.089″ Microstrip
Z3
0.020″ x 0.360″ Microstrip
Z4
0.045″ x 0.029″ Microstrip
Z5
0.045″ x 0.061″ Microstrip
Z6
0.045″ x 0.055″ Microstrip
Z7
0.300″ x 0.125″ Microstrip
Z8, Z10
0.146″ x 0.070″ Microstrip
Z9
0.025″ x 0.485″ Microstrip
C11
RF
INPUT
RF
OUTPUT
R1
C10
C9
C8
C7
C6
C5
C18
C17
C16
C15
C14
C13
C12
C4
Z9
C1
C20
Z1
Z2
Z3
Z5
Z6
Z7
Z10 Z11
Z13
Z14
Z17
VSUPPLY
VBIAS
C2
Z4
C3
Z8
C19
Z12
C22
C21
Z15
Z16
Table 5. 3.5 GHz Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C21, C22
0.5 pF Chip Capacitors
08051J0R5BBT
AVX
C2
0.2 pF Chip Capacitor
06035J0R2BBT
AVX
C3
0.5 pF Chip Capacitor
06035J0R5BBT
AVX
C4, C19, C20
6.8 pF Chip Capacitors
08051J6R8BBT
AVX
C5, C18
10 pF Chip Capacitors
100A100JP150X
ATC
C6, C17
100 pF Chip Capacitors
100A101JP150X
ATC
C7, C16
100 pF Chip Capacitors
100B101JP500X
ATC
C8, C15
1000 pF Chip Capacitors
100B102JP50X
ATC
C9, C14
0.1 µF Chip Capacitors
CDR33BX104AKWS
Kemet
C10, C13
39K pF Chip Capacitors
200B393KP50X
ATC
C11, C12
10 µF Chip Capacitors
GRM55DR61H106KA88B
Kemet
R1
47 Ω Chip Resistor
D55342M07B47JOR
Newark


Similar Part No. - MRFG35010N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFG35010NT1 FREESCALE-MRFG35010NT1 Datasheet
173Kb / 10P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
More results

Similar Description - MRFG35010N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com