Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5937LC Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5937LC
Description  -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5937LC Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5937LC Datasheet HTML 1Page - Maxim Integrated Products MAX5937LC Datasheet HTML 2Page - Maxim Integrated Products MAX5937LC Datasheet HTML 3Page - Maxim Integrated Products MAX5937LC Datasheet HTML 4Page - Maxim Integrated Products MAX5937LC Datasheet HTML 5Page - Maxim Integrated Products MAX5937LC Datasheet HTML 6Page - Maxim Integrated Products MAX5937LC Datasheet HTML 7Page - Maxim Integrated Products MAX5937LC Datasheet HTML 8Page - Maxim Integrated Products MAX5937LC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
-48V Hot-Swap Controllers with VIN
Step Immunity and No RSENSE
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VEE, VOUT, PGOOD (PGOOD), LP,
STEP_MON to GND............................................+0.3V to -85V
PGOOD (PGOOD) to VOUT ....................................-0.3V to +85V
PGOOD (PGOOD), LP, STEP_MON to VEE............-0.3V to +85V
GATE to VEE ...........................................................-0.3V to +20V
UVLO to VEE .............................................................-0.3V to +6V
Input Current
LP (internally, duty-cycle limited).........................................1A
PGOOD (PGOOD) (continuous) .....................................80mA
GATE (during 15V clamp, continuous) ...........................30mA
GATE (during 2V clamp, continuous) .............................50mA
GATE (during gate pulldown, continuous)......................50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
ELECTRICAL CHARACTERISTICS
(VEE = -10V to -80V, VIN = GND - VEE, VSTEP_MON =VEE, RLP = 200
Ω, UVLO open, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at VEE = -48V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VEE
Referenced to GND
-80
-10
V
Operating Supply Current
ICC
0.95
1.4
mA
VUVLO,R
lVEEl increasing
-33.5
-31.0
-29.5
Default VEE Undervoltage Lockout
VUVLO,F
lVEEl decreasing
-28
V
UVLO Reference Threshold,
VEE Rising
VUVLO_REF,R
VUVLO increasing
1.219
1.25
1.281
V
UVLO Reference Threshold,
VEE Falling
VUVLO_REF,F
VUVLO decreasing
1.069
1.125
1.181
V
UVLO Input Resistance
20
50
k
UVLO Transient Rejection
tOVREJ
0.8
1.5
2.25
ms
Power-Up Delay (Note 3)
tONDLY
80
220
380
ms
VEE and UVLO Glitch Rejection
(Note 4)
tREJ
0.8
1.5
2.25
ms
VOUT to VEE Leakage Current
VEE = -80V, VOUT = GND
0.01
1µA
LP to VEE Leakage Current
VEE = -80V, VLP = GND
0.01
1µA
VIN = 10V
6.5
6.8
7.2
External Gate-Drive Voltage
VGS
VGATE - VEE
14 ≤ VIN ≤ 80V
8.1
10
12.8
V
ICLAMP = 9mA
13.5
16
MOSFET fully
enhanced
ICLAMP = 20mA
17
19.5
ICLAMP = 1mA
2.1
2.55
GATE to VEE Clamp Voltage
Power-off,
VEE = GND
ICLAMP = 10mA
2.5
2.9
V
Open-Loop Gate-Charge Current
VGATE = VEE, VOUT = GND
-66
-52
-35
µA
VIN > 10V
9
14.1
GATE Pulldown Switch
On-Resistance
RGATE
VGATE - VEE =
500mV
VIN > 14V
7.5
12.5
Output-Voltage Slew Rate
SR
l dVOUT/dt l
2.4
9
14.8
V/ms


Similar Part No. - MAX5937LC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5937LC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
   -48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com