Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EP56VK4G Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY100EP56VK4G
Description  3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP56VK4G Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY100EP56VK4G Datasheet HTML 1Page - Micrel Semiconductor SY100EP56VK4G Datasheet HTML 2Page - Micrel Semiconductor SY100EP56VK4G Datasheet HTML 3Page - Micrel Semiconductor SY100EP56VK4G Datasheet HTML 4Page - Micrel Semiconductor SY100EP56VK4G Datasheet HTML 5Page - Micrel Semiconductor SY100EP56VK4G Datasheet HTML 6Page - Micrel Semiconductor SY100EP56VK4G Datasheet HTML 7Page - Micrel Semiconductor SY100EP56VK4G Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ECL Pro™
SY100EP56V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
VCC = 3.3V, VEE = GND, TA = 25°C, unless otherwise stated.
500MHz Output
TIME (300ps/div.)
T
A = 25°C
V
CC = 3.3V
V
EE GND
V
IN = 800mV
/Q
Q
1.5GHz Output
TIME (100ps/div.)
T
A = 25°C
V
CC = 3.3V
V
EE GND
V
IN = 800mV
/Q
Q
2.5GHz Output
TIME (60ps/div.)
T
A = 25°C
V
CC = 3.3V
V
EE GND
V
IN = 800mV
/Q
Q
3.0GHz Output
TIME (55ps/div.)
T
A = 25°C
V
CC = 3.3V
V
EE GND
V
IN = 800mV
/Q
Q
0
100
200
300
400
500
600
700
800
900
FREQUENCY (MHz)
Output Amplitude
vs. Frequency
T
A = 25°C
V
CC = 3.3V
V
IN = 800mV
280
290
300
310
320
330
340
350
360
TEMPERATURE (°C)
Propagation Delay
vs. Temperature
T
A = 25°C
V
CC = 3.3V
V
IN = 800mV


Similar Part No. - SY100EP56VK4G

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP57VK4G MICREL-SY100EP57VK4G Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP57VK4GTR MICREL-SY100EP57VK4GTR Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP57VK4I MICREL-SY100EP57VK4I Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP57VK4ITR MICREL-SY100EP57VK4ITR Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
More results

Similar Description - SY100EP56VK4G

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com