Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5937AB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5937AB
Description  -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5937AB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5937AB Datasheet HTML 1Page - Maxim Integrated Products MAX5937AB Datasheet HTML 2Page - Maxim Integrated Products MAX5937AB Datasheet HTML 3Page - Maxim Integrated Products MAX5937AB Datasheet HTML 4Page - Maxim Integrated Products MAX5937AB Datasheet HTML 5Page - Maxim Integrated Products MAX5937AB Datasheet HTML 6Page - Maxim Integrated Products MAX5937AB Datasheet HTML 7Page - Maxim Integrated Products MAX5937AB Datasheet HTML 8Page - Maxim Integrated Products MAX5937AB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
-48V Hot-Swap Controllers with VIN
Step Immunity and No RSENSE
4
_______________________________________________________________________________________
Note 1: All currents into pins are positive and all currents out of pins are negative. All voltages referenced to VEE, unless otherwise
specified.
Note 2: All limits are 100% tested at +25°C and +85°C. Limits at -40°C and -10°C are guaranteed by characterization.
Note 3: Delay time from a valid on-condition until the load probe test begins.
Note 4: VEE or UVLO voltages below VUVLO,F or VUVLO_REF,F, respectively, are ignored during this time.
Note 5: The time (VOUT - VEE) > VSC + overdrive until (VGATE - VEE) drops to approximately 90% of its initial high value.
Note 6: The time when the PGOOD (PGOOD) condition is met until the PGOOD (PGOOD) signal is asserted.
ELECTRICAL CHARACTERISTICS (continued)
(VEE = -10V to -80V, VIN = GND - VEE, VSTEP_MON =VEE, RLP = 200
Ω, UVLO open, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at VEE = -48V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC AND FAULT MANAGEMENT
Autoretry Delay
tRETRY
16 x
tLP
s
|VOUT - VEE| falling
0.74 x
VCB
PGOOD (PGOOD) Assertion
Threshold
Hysteresis
0.26 x
VCB
mV
PGOOD (PGOOD) Assertion Delay
Time (Note 6)
0.67
1.26
1.85
ms
PGOOD (PGOOD) Low Voltage
VOL
ISINK = 1mA, referenced to VOUT,
VOUT < GND - 5V for PGOOD (PGOOD)
0.05
0.4
V
PGOOD (PGOOD) Open-Drain
Leakage
IL
VEE = -80V, VPGOOD(PGOOD),
VPGOOD(PGOOD) = GND
0.01
1µA


Similar Part No. - MAX5937AB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5937AB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
   -48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com