Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNZ1021 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # CNZ1021
Description  Photo Interrupters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNZ1021 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  CNZ1021 Datasheet HTML 1Page - Panasonic Semiconductor CNZ1021 Datasheet HTML 2Page - Panasonic Semiconductor CNZ1021 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Transmissive Photosensors (Photo Interrupters)
CNZ1021,CNZ1022,CNZ1023,CNA1009
(Input pulse)
(Output pulse)
50
RL
td : Delay time
tr : Rise time (Time required for the collector current to increase
from 10% to 90% of its final value)
tf : Fall time (Time required for the collector current to decrease
from 90% to 10% of its initial value)
VCC
Sig.OUT
10%
90%
Sig.IN
td
tr
tf
Electrical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Input
Forward voltage (DC)
VF
IF = 20mA
1.25
1.4
V
characteristics Reverse current (DC)
IR
VR = 3V
10
µA
Output characteristics Collector cutoff current
ICEO VCE = 10V
10
200
nA
Transfer
Collector current
IC
VCC = 5V, IF = 20mA, RL = 100Ω
0.5
15
mA
characteristics
Collector to emitter saturation voltage VCE(sat) IF = 40mA, IC = 1mA
0.4
V
Response time
tr , tf* VCC = 5V, IC = 1mA, RL = 100Ω
5
µs
* Switching time measurement circuit
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol Ratings
Unit
Input (Light
Reverse voltage (DC)
VR
5V
emitting diode)
Forward current (DC)
IF
50
mA
Power dissipation
PD*1
75
mW
Collector current
IC
20
mA
Output (Photo Collector to emitter voltage
VCEO
30
V
transistor)
Emitter to collector voltage
VECO
5V
Collector power dissipation
PC*2
100
mW
Temperature
Operating ambient temperature
Topr –25 to +85
˚C
Storage temperature
Tstg –40 to +100
˚C
*1 Input power derating ratio is 1.0 mW/˚C at Ta
≥ 25˚C.
*2 Output power derating ratio is 1.33 mW/˚C at Ta
≥ 25˚C.


Similar Part No. - CNZ1021

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ1021 PANASONIC-CNZ1021 Datasheet
106Kb / 4P
   Photo lnterrupter
More results

Similar Description - CNZ1021

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG248 KODENSHI-SG248 Datasheet
157Kb / 2P
   PHOTO INTERRUPTERS
logo
List of Unclassifed Man...
G-310 ETC-G-310 Datasheet
380Kb / 7P
   PHOTO INTERRUPTERS
logo
KODENSHI_AUK CORP.
SG209 KODENSHI-SG209 Datasheet
143Kb / 2P
   PHOTO INTERRUPTERS
SG23FI KODENSHI-SG23FI Datasheet
127Kb / 2P
   PHOTO INTERRUPTERS
logo
Panasonic Semiconductor
CNZ1102 PANASONIC-CNZ1102 Datasheet
55Kb / 3P
   Photo Interrupters
CNZ1111 PANASONIC-CNZ1111 Datasheet
54Kb / 3P
   Photo Interrupters
logo
KODENSHI_AUK CORP.
SG243 KODENSHI-SG243 Datasheet
116Kb / 2P
   PHOTO INTERRUPTERS
SG220 KODENSHI-SG220 Datasheet
89Kb / 2P
   PHOTO INTERRUPTERS
SG223 KODENSHI-SG223 Datasheet
102Kb / 2P
   PHOTO INTERRUPTERS
logo
Panasonic Semiconductor
CNZ1122 PANASONIC-CNZ1122 Datasheet
58Kb / 3P
   Photo Interrupters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com