Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL2003-2PL84I Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QL2003-2PL84I
Description  3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2003-2PL84I Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QL2003-2PL84I Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2003-2PL84I Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2003-2PL84I Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2003-2PL84I Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2003-2PL84I Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2003-2PL84I Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2003-2PL84I Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2003-2PL84I Datasheet HTML 9Page - List of Unclassifed Manufacturers QL2003-2PL84I Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
QL2003
3-14
Clock Cells
Symbol
Parameter
Propagation Delays (ns)
Loads per Half Column [10]
1234
8
10
13
tACK
Array Clock Delay
2.2
2.2
2.3
2.4
2.5
2.6
tGCKP
Global Clock Pin Delay
1.2
1.2
1.2
1.2
1.2
1.2
1.2
tGCKB
Global Clock Buffer Delay
1.5
1.6
1.6
1.7
1.8
1.9
2.0
I/O Cells
Symbol
Parameter
Propagation Delays (ns)
Fanout [8]
12
3
4
8
10
tI/O
Input Delay (bidirectional pad)
1.8
2.1
2.4
2.7
3.9
4.6
tISU
Input Register Set-Up Time
4.8
4.8
4.8
4.8
4.8
4.8
tIH
Input Register Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
tlOCLK
Input Register Clock To Q
0.8
1.1
1.4
1.7
2.9
3.6
tlORST
Input Register Reset Delay
0.7
1.0
1.3
1.6
2.8
3.5
tlESU
Input Register clock Enable Set-Up Time
4.1
4.1
4.1
4.1
4.1
4.1
tlEH
Input Register Clock Enable Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
Symbol
Parameter
Propagation Delays (ns)
Output Load Capacitance (pF)
30
50
75
100
150
tOUTLH
Output Delay Low to High
2.6
3.0
3.6
4.1
5.2
tOUTHL
Output Delay High to Low
2.8
3.3
3.9
4.5
5.7
tPZH
Output Delay Tri-state to High
2.1
2.6
3.1
3.7
4.8
tPZL
Output Delay Tri-state to Low
2.6
3.3
4.1
4.9
6.5
tPHZ
Output Delay High to Tri-State [11]
2.9
tPLZ
Output Delay Low to Tri-State [11]
3.3
Notes:
[10]
The array distributed networks consist of 48 half columns and the global distributed networks consist of
52 half columns, each driven by an independent buffer. The number of half columns used does not affect
clock buffer delay. The array clock has up to 10 loads per half column. The global clock has up to 13
loads per half column.
[11]
The following loads are used for tPXZ:
5 pF
1K
5 pF
1K
tPHZ
tPLZ


Similar Part No. - QL2003-2PL84I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PF144C ETC1-QL2007-0PF144C Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PF144I ETC1-QL2007-0PF144I Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PL84C ETC1-QL2007-0PL84C Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PL84I ETC1-QL2007-0PL84I Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
More results

Similar Description - QL2003-2PL84I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8X12B ETC1-QL8X12B Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
logo
Maxim Integrated Produc...
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com