Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL2003-XPF144I Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QL2003-XPF144I
Description  3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2003-XPF144I Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QL2003-XPF144I Datasheet HTML 1Page - List of Unclassifed Manufacturers QL2003-XPF144I Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2003-XPF144I Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2003-XPF144I Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2003-XPF144I Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2003-XPF144I Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2003-XPF144I Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2003-XPF144I Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2003-XPF144I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
QL2003
3-9
100 and 144 TQFP Pinout Table
144
TQFP
100
TQFP
Function
144
TQFP
100
TQFP
Function
144
TQFP
100
TQFP
Function
144
TQFP
100
TQFP
Function
144
TQFP
100
TQFP
Function
1
2
I/O
30
NC
GND
59
NC
I/O
88
60
I/O
116
82
I/O
2
NC
I/O
31
NC
I/O
60
43
I/O
89
61
I
117
83
I/O
3
3
I/O
32
22
I/O
61
44
I/O
90
62
ACLK / I
118
NC
I/O
4
4
I/O
33
NC
I/O
62
45
I/O
91
63
VCC
119
84
I/O
5
NC
I/O
34
23
I/O
63
NC
I/O
92
64
I
120
NC
I/O
6
5
I/O
35
NC
I/O
64
NC
I/O
93
65
GCLK / I
121
NC
I/O
7
NC
VCC
36
24
I/O
65
46
I/O
94
66
VCC
122
85
GND
8
6
I/O
37
25
I/O
66
NC
GND
95
67
I/O
123
NC
I/O
9
NC
I/O
38
26
TDI
67
NC
I/O
96
NC
I/O
124
86
I/O
10
7
I/O
39
27
I/O
68
NC
I/O
NC
68
I/O
125
87
I/O
11
NC
I/O
40
28
I/O
69
47
I/O
97
NC
I/O
126
88
GND
12
NC
I/O
41
29
I/O
70
48
I/O
98
69
I/O
127
89
I/O
13
8
I/O
42
NC
VCC
71
49
TRSTB
99
NC
I/O
128
90
I/O
14
NC
I/O
43
30
I/O
72
50
TMS
100
70
I/O
129
91
I/O
15
9
GND
44
31
I/O
73
51
I/O
101
71
I/O
130
92
VCC
16
10
I/O
45
NC
I/O
74
52
I/O
102
NC
GND
131
NC
I/O
17
11
I
46
32
I/O
75
53
I/O
103
NC
I/O
132
93
I/O
18
12
ACLK / I
47
33
I/O
76
54
I/O
104
72
I/O
133
NC
I/O
19
13
VCC
48
NC
I/O
77
55
I/O
105
NC
I/O
134
94
I/O
20
14
I
49
34
I/O
78
NC
I/O
106
73
I/O
135
NC
I/O
21
15
GCLK / I
50
35
GND
79
NC
VCC
107
74
I/O
136
NC
I/O
22
16
VCC
51
36
I/O
80
NC
I/O
108
75
I/O
137
95
I/O
23
17
I/O
52
NC
I/O
81
56
I/O
109
76
TCK
138
NC
GND
24
18
I/O
53
37
I/O
82
NC
I/O
110
77
STM
139
96
I/O
25
NC
I/O
54
38
GND
83
57
I/O
111
78
I/O
140
97
I/O
26
19
I/O
55
39
I/O
84
NC
I/O
112
79
I/O
141
98
I/O
27
NC
I/O
56
40
I/O
85
58
I/O
113
80
I/O
142
99
I/O
28
20
I/O
57
41
I/O
86
NC
I/O
114
NC
VCC
143
100
TDO
29
21
I/O
58
42
VCC
87
59
GND
115
81
I/O
144
1
I/O
3


Similar Part No. - QL2003-XPF144I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PF144C ETC1-QL2007-0PF144C Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PF144I ETC1-QL2007-0PF144I Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PL84C ETC1-QL2007-0PL84C Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PL84I ETC1-QL2007-0PL84I Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
More results

Similar Description - QL2003-XPF144I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8X12B ETC1-QL8X12B Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
logo
Maxim Integrated Produc...
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com