Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4818L Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO4818L
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4818L Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO4818L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4818L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4818L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4818L Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AO4818
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
0
5
10
15
20
25
30
012
345
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=3V
3.5V
4V
4.5V
10V
0.00E+00
4.00E+00
8.00E+00
1.20E+01
1.60E+01
2.00E+01
1.5
2
2.5
3
3.5
4
VGS(Volts)
Figure 2: Transfer Characteristics
14
16
18
20
22
24
26
28
0
5
10
15
20
ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
VGS=10V
VGS=4.5V
10
20
30
40
50
246
8
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=4.5V
VGS=10V
ID=8.5A
25°C
125°C
ID=8.5A
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4818L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4818 AOSMD-AO4818 Datasheet
212Kb / 6P
   30V Dual N-channel MOSFET
logo
Guangdong Kexin Industr...
AO4818 KEXIN-AO4818 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4818 VBSEMI-AO4818 Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4818-HF KEXIN-AO4818-HF Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
   30V Dual N-channel MOSFET
More results

Similar Description - AO4818L

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com