Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4822L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4822L
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4822L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4822L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4822L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4822L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4822L Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO4822
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
1.8
3
V
ID(ON)
30
A
13.4
16
TJ=125°C
20
25
21
26
m
gFS
23
S
VSD
0.76
1
V
IS
3A
Ciss
1040
1250
pF
Coss
180
pF
Crss
110
pF
Rg
0.7
0.85
Qg(10V)
19.2
23
nC
Qg(4.5V)
9.36
11.2
nC
Qgs
2.6
nC
Qgd
4.2
nC
tD(on)
5.2
7.5
ns
tr
4.4
6.5
ns
tD(off)
17.3
25
ns
tf
3.3
5
ns
trr
16.7
21
ns
Qrr
6.7
10
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=10V, VDS=15V, ID=8.5A
Total Gate Charge
Gate Drain Charge
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=1.8Ω,
RGEN=3Ω
Turn-Off Fall Time
Total Gate Charge
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
m
VGS=4.5V, ID=6A
IS=1A,VGS=0V
VDS=5V, ID=8.5A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=24V, VGS=0V
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge
IF=8.5A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=8.5A
Reverse Transfer Capacitance
IF=8.5A, dI/dt=100A/µs
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value in
any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA curve
provides a single pulse rating.
Rev 2: June 2005
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4822L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4822 AOSMD-AO4822 Datasheet
304Kb / 6P
   30V Dual N-channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4822 VBSEMI-AO4822 Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
AO4822 TECHPUBLIC-AO4822 Datasheet
3Mb / 5P
   Dual N-Channel Enhancement Mode Power MOSFET
logo
Guangdong Kexin Industr...
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
More results

Similar Description - AO4822L

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com