Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNZ1108 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # CNZ1108
Description  Photo Interrupters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNZ1108 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  CNZ1108 Datasheet HTML 1Page - Panasonic Semiconductor CNZ1108 Datasheet HTML 2Page - Panasonic Semiconductor CNZ1108 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
(Input pulse)
(Output pulse)
50
RL
td : Delay time
tr : Rise time (Time required for the collector current to increase
from 10% to 90% of its final value)
tf : Fall time (Time required for the collector current to decrease
from 90% to 10% of its initial value)
VCC
Sig.OUT
10%
90%
Sig.IN
td
tr
tf
IF , IC — Ta
60
50
40
30
20
10
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 25
IF — VF
60
30
20
10
50
40
Forward voltage
V
F (V)
0.4
0.8
1.2
1.6
2.4
2.0
0
0
Ta = 25˚C
IC — IF
10 2
10
1
10 –1
Forward current
I
F (mA)
110
10 2
10 –2
10 –1
VCE = 10V
Ta = 25˚C
IF
IC
CNZ1102,CNZ1108
Transmissive Photosensors (Photo Interrupters)
Electrical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Input
Forward voltage (DC)
VF
IF = 50mA
1.2
1.5
V
Reverse current (DC)
IR
VR = 3V
10
µA
characteristics
Capacitance between terminals
Ct
VR = 0V, f = 1MHz
50
pF
Output
Collector cutoff current
ICEO VCE = 10V
200
nA
characteristics Collector to emitter capacitance
CC
VCE = 10V, f = 1MHz
5
pF
Collector current
IC*2
VCE = 10V, IF = 20mA
2
mA
Transfer
Response time
CNZ1102
tr , tf*1
VCC = 10V, IC = 5mA, RL = 100Ω
4
µs
characteristics
CNZ1108
VCC = 10V, IC = 1mA, RL = 100Ω
6
µs
Collector to emitter CNZ1102 VCE(sat) IF = 50mA, IC = 1mA
0.4
V
Saturation voltage
CNZ1108 VCE(sat) IF = 50mA, IC = 0.1mA
0.4
V
*1 Switching time measurement circuit
*2 IC classifications
Class
Q
R
S
IC (mA)
2.0 to 5.0
4.0 to 10.0
7.0 to 20.0


Similar Part No. - CNZ1108

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ1108 PANASONIC-CNZ1108 Datasheet
70Kb / 4P
   For contactless SW, object detection
More results

Similar Description - CNZ1108

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG248 KODENSHI-SG248 Datasheet
157Kb / 2P
   PHOTO INTERRUPTERS
logo
List of Unclassifed Man...
G-310 ETC-G-310 Datasheet
380Kb / 7P
   PHOTO INTERRUPTERS
logo
KODENSHI_AUK CORP.
SG209 KODENSHI-SG209 Datasheet
143Kb / 2P
   PHOTO INTERRUPTERS
SG23FI KODENSHI-SG23FI Datasheet
127Kb / 2P
   PHOTO INTERRUPTERS
logo
Panasonic Semiconductor
CNZ1111 PANASONIC-CNZ1111 Datasheet
54Kb / 3P
   Photo Interrupters
logo
KODENSHI_AUK CORP.
SG243 KODENSHI-SG243 Datasheet
116Kb / 2P
   PHOTO INTERRUPTERS
SG220 KODENSHI-SG220 Datasheet
89Kb / 2P
   PHOTO INTERRUPTERS
SG223 KODENSHI-SG223 Datasheet
102Kb / 2P
   PHOTO INTERRUPTERS
logo
Panasonic Semiconductor
CNZ1021 PANASONIC-CNZ1021 Datasheet
64Kb / 3P
   Photo Interrupters
CNZ1122 PANASONIC-CNZ1122 Datasheet
58Kb / 3P
   Photo Interrupters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com