Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4904 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4904
Description  Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4904 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4904 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4904 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4904 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4904 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4904 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO4904
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
0.7
1
1.4
V
ID(ON)
25
A
22.6
27
TJ=125°C
33
40
27
32
m
42
50
m
gFS
12
16
S
VSD
0.71
1
V
IS
3A
Ciss
846
1050
pF
Coss
96
pF
Crss
67
pF
Rg
1.24
3.6
Qg
9.6
12
nC
Qgs
1.65
nC
Qgd
3nC
tD(on)
5.7
8.55
ns
tr
13
6.2
ns
tD(off)
37
40
ns
tf
4.2
5.5
ns
trr
Body Diode Reverse Recovery time
IF=5A, dI/dt=100A/µs
15.5
20
ns
Qrr
Body Diode Reverse Recovery charge IF=5A, dI/dt=100A/µs
7.9
nC
SCHOTTKY PARAMETERS
VF
0.45
0.5
V
0.007 0.05
3.2
10
12
20
CT
37
pF
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISIN
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Junction Capacitance
VR=15V
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
Forward Voltage Drop
IF=1.0A
Irm
Maximum reverse leakage current
VR=30V
VR=30V, TJ=125°C
VR=30V, TJ=150°C
Output Capacitance
Reverse Transfer Capacitance
mA
SWITCHING PARAMETERS
Total Gate Charge
VGS=4.5V, VDS=15V, ID=6.9A
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
VGS=10V, VDS=15V, RL=2.2Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Forward Transconductance
VDS=5V, ID=5A
Diode Forward Voltage
IS=1A
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS=15V, f=1MHz
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=6.9A
m
VGS=4.5V, ID=6.0A
VGS=2.5V, ID=5A
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=4.5V, VDS=5V
µA
Gate-Body leakage current
VDS=0V, VGS= ±12V
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=24V, VGS=0V
Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T A=25°C. The
SOA curve provides a single pulse rating.
Rev 3 :
August 2005
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4904

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4900 AOSMD-AO4900 Datasheet
123Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4900 KEXIN-AO4900 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4900A AOSMD-AO4900A Datasheet
119Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4900AL AOSMD-AO4900AL Datasheet
119Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4900L AOSMD-AO4900L Datasheet
123Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO4904

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO4916 ETC1-AO4916 Datasheet
547Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4914 AOSMD-AO4914 Datasheet
147Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4914A AOSMD-AO4914A Datasheet
184Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
VBsemi Electronics Co.,...
VBA3316SA VBSEMI-VBA3316SA Datasheet
773Kb / 9P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4900A AOSMD-AO4900A Datasheet
119Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4916A AOSMD-AO4916A Datasheet
189Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4906 AOSMD-AO4906 Datasheet
123Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com