Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1111 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TCET1111
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1111 Datasheet(HTML) 7 Page - Vishay Siliconix

  TCET1111 Datasheet HTML 1Page - Vishay Siliconix TCET1111 Datasheet HTML 2Page - Vishay Siliconix TCET1111 Datasheet HTML 3Page - Vishay Siliconix TCET1111 Datasheet HTML 4Page - Vishay Siliconix TCET1111 Datasheet HTML 5Page - Vishay Siliconix TCET1111 Datasheet HTML 6Page - Vishay Siliconix TCET1111 Datasheet HTML 7Page - Vishay Siliconix TCET1111 Datasheet HTML 8Page - Vishay Siliconix TCET1111 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VISHAY
TCET111.(G)
Document Number 83546
Rev. A3, 18-Mar-03
Vishay Semiconductors
www.vishay.com
7
Figure 12. Collector Emitter Saturation Voltage vs. Collector
Current
Figure 13. Current Transfer Ratio vs. Forward Current
Figure 14. Turn on / off Time vs. Collector Current
110
0
0.2
0.4
0.6
0.8
1.0
IC – Collector Current ( mA )
100
CTR=50%
20%
10%
95 11028
0.1
1
10
1
10
100
1000
IF – Forward Current ( mA )
100
95 11029
VCE=5V
02
4
6
0
2
4
6
8
10
IC – Collector Current ( mA )
10
95 11030
Non Saturated
Operation
VS=5V
RL=100 Ω
toff
ton
Figure 15. Turn on / off Time vs. Forward Current
Figure 16. Marking example
0
5
10
15
0
10
20
30
40
50
IF – Forward Current ( mA )
20
95 11031
Saturated Operation
VS=5V
RL=1k Ω
toff
ton
ET1110
V 223 U63
Type
Date
Code
Coupling
System
Indicator
Company
Logo
Production
Location
16745
Pin1 Indication
(YM)


Similar Part No. - TCET1111

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1111 VISHAY-TCET1111 Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET1111G VISHAY-TCET1111G Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
More results

Similar Description - TCET1111

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com