Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1113G Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCET1113G
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1113G Datasheet(HTML) 3 Page - Vishay Siliconix

  TCET1113G Datasheet HTML 1Page - Vishay Siliconix TCET1113G Datasheet HTML 2Page - Vishay Siliconix TCET1113G Datasheet HTML 3Page - Vishay Siliconix TCET1113G Datasheet HTML 4Page - Vishay Siliconix TCET1113G Datasheet HTML 5Page - Vishay Siliconix TCET1113G Datasheet HTML 6Page - Vishay Siliconix TCET1113G Datasheet HTML 7Page - Vishay Siliconix TCET1113G Datasheet HTML 8Page - Vishay Siliconix TCET1113G Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VISHAY
TCET111.(G)
Document Number 83546
Rev. A3, 18-Mar-03
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Emitter
Detector
Coupler
Current Transfer Ratio
Parameter
Test condition
Symbol
Typ.
Max
Unit
Forward voltage
IF = ± 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 µA
VECO
7
V
Collector emitter cut-off current
VCE = 20 V, If = 0, E = 0
ICEO
10
100
nA
Parameter
Test condition
Symbol
Typ.
Max
Unit
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 Ω
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF
VCE = 5 V, IF = 1 mA
TCET1111 (G)
CTR
0.13
0.30
%
VCE = 5 V, IF = 1 mA
TCET1112 (G)
CTR
0.22
0.45
%
VCE = 5 V, IF = 1 mA
TCET1113 (G)
CTR
0.34
0.70
%
VCE = 5 V, IF = 1 mA
TCET1114 (G)
CTR
0.56
0.90
%
VCE = 5 V, IF = 5 mA
TCET1110 (G)
CTR
0.50
6.0
%
VCE = 5 V, IF = 5 mA
TCET1115 (G)
CTR
0.5
1.5
%
VCE = 5 V, IF = 5 mA
TCET1116 (G)
CTR
1.0
3.0
%
VCE = 5 V, IF = 5 mA
TCET1117 (G)
CTR
0.8
1.6
%
VCE = 5 V, IF = 5 mA
TCET1118 (G)
CTR
1.3
2.6
%
VCE = 5 V, IF = 5 mA
TCET1119 (G)
CTR
2.0
4.0
%
VCE = 5 V, IF = 10 mA
TCET1111 (G)
CTR
0.40
0.8
%
VCE = 5 V, IF = 10 mA
TCET1112 (G)
CTR
0.63
1.25
%
VCE = 5 V, IF = 10 mA
TCET1113 (G)
CTR
1.0
2.0
%
VCE = 5 V, IF = 10 mA
TCET1114 (G)
CTR
1.6
3.2
%


Similar Part No. - TCET1113G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1113G VISHAY-TCET1113G Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET1113G VISHAY-TCET1113G Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
More results

Similar Description - TCET1113G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com