Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1114 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TCET1114
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1114 Datasheet(HTML) 6 Page - Vishay Siliconix

  TCET1114 Datasheet HTML 1Page - Vishay Siliconix TCET1114 Datasheet HTML 2Page - Vishay Siliconix TCET1114 Datasheet HTML 3Page - Vishay Siliconix TCET1114 Datasheet HTML 4Page - Vishay Siliconix TCET1114 Datasheet HTML 5Page - Vishay Siliconix TCET1114 Datasheet HTML 6Page - Vishay Siliconix TCET1114 Datasheet HTML 7Page - Vishay Siliconix TCET1114 Datasheet HTML 8Page - Vishay Siliconix TCET1114 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 83546
Rev. A3, 18-Mar-03
VISHAY
TCET111.(G)
Vishay Semiconductors
Typical Characteristics (T
amb = 25 °C unless otherwise specified)
Figure 6. Total Power Dissipation vs. Ambient Temperature
Figure 7. Forward Current vs. Forward Voltage
Figure 8. Relative Current Transfer Ratio vs. Ambient
Temperature
0
50
100
150
200
250
300
0
20406080
100
120
Tamb – Ambient Temperature ( °C )
16736
Coupled Device
Phototransistor
IR–Diode
0.1
1.0
10.0
100.0
1000.0
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage(V)
96 11862
0.00
0.20
0.40
0.60
0.80
1.00
1.20
–40 –20
0
20
40
60
80
100 120
Tamb – Ambient Temperature ( °C )
16737
VCE = 5 V
IF = 5 mA
Figure 9. Collector Dark Current vs. Ambient Temperature
Figure 10. Collector Current vs. Forward Current
Figure 11. Collector Current vs. Collector Emitter Voltage
1.00
10.00
100.00
1000.00
10000.00
0
20406080
100
120
1.00
10.00
100.00
1000.00
10000.00
0
Tamb – Ambient Temperature ( °C )
10000
1000
100
10
1
VCE = 30 V
10 V
16738
0.1
1
10
0.01
0.1
1
100
IF – Forward Current ( mA )
100
95 11027
10
VCE=5V
0.1
1
10
0.1
1
10
100
VCE – Collector Emitter Voltage(V)
100
95 10985
IF=50mA
5mA
2mA
1mA
20mA
10mA


Similar Part No. - TCET1114

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1114 VISHAY-TCET1114 Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET1114 VISHAY-TCET1114 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
TCET1114G VISHAY-TCET1114G Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET1114G VISHAY-TCET1114G Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
More results

Similar Description - TCET1114

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com