Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1116 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCET1116
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1116 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCET1116 Datasheet HTML 1Page - Vishay Siliconix TCET1116 Datasheet HTML 2Page - Vishay Siliconix TCET1116 Datasheet HTML 3Page - Vishay Siliconix TCET1116 Datasheet HTML 4Page - Vishay Siliconix TCET1116 Datasheet HTML 5Page - Vishay Siliconix TCET1116 Datasheet HTML 6Page - Vishay Siliconix TCET1116 Datasheet HTML 7Page - Vishay Siliconix TCET1116 Datasheet HTML 8Page - Vishay Siliconix TCET1116 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VISHAY
TCET111.(G)
Document Number 83546
Rev. A3, 18-Mar-03
Vishay Semiconductors
www.vishay.com
1
Coll.
Emitter
Anode Cath.
C
17918
1
Optocoupler with Phototransistor Output
\
Features
• CTR offered in 9 Groups
• Isolation materials according to UL94-VO
• Pollution degree 2
(DIN/VDE 0110 / resp. IEC 664)
• Climatic classification 55/100/21 (IEC 68 part 1)
• Special construction:
Therefore, extra low coupling capacity of typical
0.2 pF, high Common Mode Rejection
• Low temperature coefficient of CTR
• Temperature range - 40 to + 110 °C
• Coupling System U
• Rated impulse voltage (transient overvoltage)
VIOTM = 8 kVpeak
• Isolation test voltage (partial discharge test volt-
age) Vpd = 1.6 kV
• Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS (848 Vpeak)
• Rated recurring peak voltage (repetitive)
VIORM = 600 VRMS
• Creepage current resistance according to VDE
0303/IEC 112 Comparative Tracking Index:
CTI
≥ 175
• Thickness through insulation
≥ 0.75 mm
• Internal creepage distance > 4 mm
• External creepage distance > 8 mm
Agency Approvals
• BSI: EN 60065:2002, EN 60950:2000
Certificate number 7081 and 7402
• FIMKO (SETI): EN 60950:2000
Certificate number FI 18973
• Underwriters Laboratory (UL)
File number E 76222
• VDE IEC 60747
Certificate number 115667
Applications
Circuits for safe protective separation against electri-
cal shock according to safety class II (reinforced iso-
lation):
• For appl. class I - IV at mains voltage
≤ 300 V
• For appl. class I - III at mains voltage
≤ 600 V accord-
ing to VDE 0884, table 2, suitable for:
Switch-mode power supplies, line receiver, com-
puter peripheral interface, microprocessor sys-
tem interface, with operating temperature up to
110°C
Description
The TCET111.(G) consists of a phototransistor opti-
cally coupled to a gallium arsenide infrared-emitting
diode in a 4-lead plastic dual inline package.
The elements are mounted on one lead frame using a
coplanar technique, providing a fixed distance
between input and output for highest safety require-
ments.
VDE Standards
These couplers perform safety functions according to
the following equipment standards:
VDE 0884 / IEC 60747:2003
Optocoupler for electrical safety requirements
IEC 60950
Office machines (applied for reinforced isolation for
mains voltage < 400 VRMS)
VDE 0804
Telecommunication apparatus and data processing
IEC 60065
Safety for mains-operated electronic and related
household apparatus


Similar Part No. - TCET1116

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1116 VISHAY-TCET1116 Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET1116G VISHAY-TCET1116G Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
More results

Similar Description - TCET1116

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com