Electronic Components Datasheet Search |
|
AO4600 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors |
|
AO4600 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors |
1 / 7 page Symbol Max p-channel Units VDS V VGS V IDM TJ, TSTG °C Symbol Typ Max 48 62.5 74 110 RθJL 35 40 -30 ±12 Gate-Source Voltage A Continuous Drain Current A TA=25°C ID TA=70°C Pulsed Drain Current B W 6.9 5.8 40 2 1.44 -4.2 -5 2 1.44 Absolute Maximum Ratings TA=25°C unless otherwise noted Parameter Max n-channel 30 -30 ±12 Drain-Source Voltage TA=70°C Power Dissipation TA=25°C PD Steady-State °C/W Junction and Storage Temperature Range Thermal Characteristics: n-channel and p-channel -55 to 150 -55 to 150 Maximum Junction-to-Lead C Steady-State °C/W Parameter Units Maximum Junction-to-Ambient A t ≤ 10s RθJA °C/W Maximum Junction-to-Ambient A AO4600 Complementary Enhancement Mode Field Effect Transistor Features n-channel p-channel VDS (V) = 30V -30V ID = 6.9A (VGS = 10V) -5A (VGS = -10V) RDS(ON) < 27m Ω < 49m Ω (VGS =- 10V) < 32m Ω < 64m Ω (VGS =- 4.5V) < 50m Ω < 120m Ω (VGS = -2.5V) General Description The AO4600 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. The complementary MOSFETs form a high-speed power inverter, suitable for a multitude of applications. Standard Product AO4600 is Pb-free (meets ROHS & Sony 259 specifications). AO4600L is a Green Product ordering option. AO4600 and AO4600L are electrically identical. G1 S1 G2 S2 D1 D1 D2 D2 1 2 3 4 8 7 6 5 SOIC-8 G2 D2 S2 G1 D1 S1 n-channel p-channel Alpha & Omega Semiconductor, Ltd. |
Similar Part No. - AO4600 |
|
Similar Description - AO4600 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |