Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4600L Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO4600L
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4600L Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO4600L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4600L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4600L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4600L Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4600L Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4600L Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4600L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AO4600
TYPICAL N-CHANNEL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
25
30
012345
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=2V
2.5V
3V
4.5V
10V
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
VGS (Volts)
Figure 2: Transfer Characteristics
10
20
30
40
50
60
0
5
10
15
20
ID (Amps)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.00
0.25
0.50
0.75
1.00
1.25
1.50
VSD (Volts)
Figure 6: Body diode characteristics
125°C
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
50
100
150
200
Temperature ( °C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=2.5V
VGS=10V
VGS=4.5V
10
20
30
40
50
60
70
02468
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=2.5V
VGS=4.5V
VGS=10V
ID=5A
125°C
25°C
25°C
ID=5A
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4600L

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4600 KEXIN-AO4600 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4600-HF KEXIN-AO4600-HF Datasheet
2Mb / 7P
   Complementary Trench MOSFET
More results

Similar Description - AO4600L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com