Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5124RGET Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS5124RGET
Description  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5124RGET Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS5124RGET Datasheet HTML 5Page - Texas Instruments TPS5124RGET Datasheet HTML 6Page - Texas Instruments TPS5124RGET Datasheet HTML 7Page - Texas Instruments TPS5124RGET Datasheet HTML 8Page - Texas Instruments TPS5124RGET Datasheet HTML 9Page - Texas Instruments TPS5124RGET Datasheet HTML 10Page - Texas Instruments TPS5124RGET Datasheet HTML 11Page - Texas Instruments TPS5124RGET Datasheet HTML 12Page - Texas Instruments TPS5124RGET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
DETAILED DESCRIPTION (continued)
OUTPUT DISCHARGE CONTROL
CURRENT PROTECTION
V
trip
(mV) ) Rtrip(kp)
10 (mA)
(2)
I
ocl
V
trip
R
DS(on) )
I
ripple
2
V
trip
R
DS(on)
)
1
2
L
ƒ
V
IN [
V
OUT
V
OUT
V
IN
(3)
OVER/UNDER-VOLTAGE PROTECTION
UVLO PROTECTION
THERMAL SHUTDOWN
TPS51124
SLVS616A – NOVEMBER 2005 – REVISED NOVEMBER 2005
TPS51124 discharges the output when ENx is low, or the controller is turned off by the protection functions
(OVP, UVP, UVLO, and thermal shutdown). TPS51124 discharges outputs using an internal, 10-
Ω MOSFET
which is connected to VOx and PGNDx. The external low-side MOSFET is not turned on for the output discharge
operation to avoid the possibility of causing negative voltage at the output. Output discharge time constant is a
function of the output capacitance and the resistance of the internal discharge MOSFET. This discharge ensures
that, on restart, the regulated voltage always starts from zero volts. In case a SMPS is restarted before discharge
completion, discharge is terminated and the switching resumes after the reference level, ramped up by an
internal DAC, comes back to the remaining output voltage.
TPS51124 has cycle-by-cycle over-current limiting control. The inductor current is monitored during the OFF
state and the controller keeps the OFF state during the inductor current is larger than the over-current trip level.
In order to provide both good accuracy and cost effective solution, TPS51124 supports temperature
compensated MOSFET RDS(on) sensing. TRIPx pin should be connected to GND through the trip voltage setting
resistor, Rtrip. TRIPx terminal sources 10-µA Itrip current and the trip level is set to the OCL trip voltage Vtrip as
below.
The trip level should be in the range of 30 mV to 200 mV over all operational temperatures. The inductor current
is monitored by the voltage between PGNDx pin and LLx pin so that LLx pin should be connected to the drain
terminal of the low-side MOSFET. Itrip has 4200 ppm/
°C temperature slope to compensate the temperature
dependency of the RDS(on). PGNDx is used as the positive current sensing node so that PGNDx should be
connected to the source terminal of the low-side MOSFET. As the comparison is done during the OFF state, Vtrip
sets the valley level of the inductor current. Thus, the load current at over-current threshold, Iocl, can be
calculated as follows;
In an over-current condition, the current to the load exceeds the current to the output capacitor; thus, the output
voltage tends to fall off (droop). Eventually, it ends up crossing the under-voltage protection threshold and shuts
down.
TPS51124 monitors a resistor divided feedback voltage to detect over and under voltage. When the feedback
voltage becomes higher than 115% of the target voltage, the OVP comparator output goes high and the circuit
latches as the high-side MOSFET driver OFF and the low-side MOSFET driver ON.
Also, the TPS51124 monitors VOx voltage directly and if it becomes greater than 5.75 V, the TPS51124 turns off
the top MOSFET driver, and shuts off both drivers of the other channel.
When the feedback voltage becomes lower than 70% of the target voltage, the UVP comparator output goes
high and an internal UVP delay counter begins counting. After 32
µs, TPS51124 latches OFF both top and
bottom MOSFET drivers, and shuts off both drivers of the other channel. This function is enabled after 1.7 times
soft-start delay time, approximately 2 ms, to ensure start-up properly.
TPS51124 has V5FILT under-voltage lock-out protection (UVLO). When the V5FILT voltage is lower than UVLO
threshold voltage, the TPS51124 is shut off. This is non-latch protection.
TPS51124 monitors its own temperature. If the temperature exceeds the threshold value (typically 160
°C), the
switchers are shut off as both DRVH and DRVL at low; the output discharge function is enabled. TPS51124 is
shut off. This is non-latch protection.
9


Similar Part No. - TPS5124RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBT TI-TPS5124DBT Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
TPS5124DBT TI-TPS5124DBT Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBTG4 TI-TPS5124DBTG4 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
More results

Similar Description - TPS5124RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com