Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4703L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4703L
Description  P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4703L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4703L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4703L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4703L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4703L Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4703L Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Units
VDS
V
VGS
V
TA=25°C
TA=70°C
IDM
VKA
V
TA=25°C
TA=70°C
IFM
TA=25°C
TA=70°C
TJ, TSTG
°C
Symbol
Units
RθJL
RθJL
Maximum Junction-to-Lead
C
Steady-State
Pulsed Forward Current
B
RθJA
40
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
Steady-State
75
75
Maximum Junction-to-Lead
C
Steady-State
21
-55 to 150
Typ
Maximum Junction-to-Ambient
A
Steady-State
Continuous Forward Current
A
Parameter: Thermal Characteristics MOSFET
Maximum Junction-to-Ambient
A
t ≤ 10s
Parameter
-55 to 150
A
Absolute Maximum Ratings TA=25°C unless otherwise noted
PD
ID
4.4
A
3.2
30
Continuous Drain Current
A
Gate-Source Voltage
Schottky
Drain-Source Voltage
IF
Thermal Characteristics Schottky
40
30
28
54
Max
°C/W
°C/W
MOSFET
-30
±25
-12
-10
-60
3
Pulsed Drain Current
B
Junction and Storage Temperature Range
3
W
Schottky reverse voltage
30
2.1
2.1
Power Dissipation
AO4703
P-Channel Enhancement Mode Field Effect Transistor
with Schottky Diode
Features
VDS (V) = -30V
ID = -12A (VGS =- 20V)
RDS(ON) < 14mΩ (VGS =- 20V)
RDS(ON) < 15mΩ (VGS = -10V)
SCHOTTKY
VDS (V) = 30V, IF = 3A, VF=0.5V@1A
General Description
The AO4703 uses advanced trench technology to
provide excellent RDS(ON) and low gate charge. A
Schottky diode is provided to facilitate the
implementation of non-synchronous DC-DC
converters. Standard Product AO4703 is Pb-free
(meets ROHS & Sony 259 specifications). AO4703L
is a Green Product ordering option. AO4703 and
AO4703L are electrically identical.
G
D
S
A
K
G
S
S
A
D/K
D/K
D/K
D/K
1
2
3
4
8
7
6
5
SOIC-8
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4703L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4700 AOSMD-AO4700 Datasheet
166Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4700L AOSMD-AO4700L Datasheet
166Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4701 AOSMD-AO4701 Datasheet
307Kb / 8P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4702 AOSMD-AO4702 Datasheet
112Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Guangdong Kexin Industr...
AO4702 KEXIN-AO4702 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO4703L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
List of Unclassifed Man...
AO8701 ETC-AO8701 Datasheet
125Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4701 AOSMD-AO4701 Datasheet
307Kb / 8P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4709 AOSMD-AO4709 Datasheet
198Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3703 AOSMD-AO3703 Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4701 AOSMD-AON4701 Datasheet
175Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4703 AOSMD-AON4703 Datasheet
165Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com