Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3406L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO3406L
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO3406L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO3406L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO3406L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO3406L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO3406L Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO3406
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
1.9
3
V
ID(ON)
15
A
50
65
TJ=125°C
74
100
75
105
m
gFS
7S
VSD
0.79
1
V
IS
2.5
A
Ciss
288
375
pF
Coss
57
pF
Crss
39
pF
Rg
36
Qg(10V)
6.5
8.5
nC
Qg(4.5V)
3.1
4
nC
Qgs
1.2
nC
Qgd
1.6
nC
tD(on)
4.6
ns
tr
1.9
ns
tD(off)
20.1
ns
tf
2.6
ns
trr
10.2
14
ns
Qrr
3.5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=3.6A, dI/dt=100A/µs
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=3.6A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VDS=5V, ID=3.6A
VGS=10V, VDS=5V
VGS=10V, ID=3.6A
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=24V, VGS=0V
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
m
VGS=4.5V, ID=2.8A
IS=1A
Turn-On Rise Time
Gate resistance
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
Total Gate Charge
VGS=0V, VDS=0V, f=1MHz
Reverse Transfer Capacitance
Turn-Off DelayTime
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Gate Drain Charge
DYNAMIC PARAMETERS
VGS=10V, VDS=15V, ID=3.6A
VGS=10V, VDS=15V, RL=2.2Ω,
RGEN=3Ω
Gate Source Charge
Turn-On DelayTime
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Rev 5 : July 2005
Alpha and Omega Semiconductor, Ltd.


Similar Part No. - AO3406L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3406 AOSMD-AO3406 Datasheet
534Kb / 5P
   30V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
AO3406 KERSEMI-AO3406 Datasheet
597Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO3406 KEXIN-AO3406 Datasheet
1Mb / 4P
   N-Channel MOSFET
AO3406-HF KEXIN-AO3406-HF Datasheet
2Mb / 4P
   N-Channel MOSFET
AO3406-HF-3 KEXIN-AO3406-HF-3 Datasheet
2Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO3406L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com