Electronic Components Datasheet Search |
|
W536030K Datasheet(PDF) 7 Page - Winbond |
|
W536030K Datasheet(HTML) 7 Page - Winbond |
7 / 16 page W536020K/030K/060K/090K/120K Publication Release Date: May 21, 2003 - 7 - Revision A3 PAD Description, continued SYMBOL I/O FUNCTION RES I System reset pad, active low with internal pull-high resistor. TEST I Test pad. Active high with internal pull low resistor. ROSC I Connect resistor to VDD pad to generate speech or melody playing clock source. PWM1/DAC O While speech or melody is active, PWM1/DAC is speaker direct driving output or DAC output controlled by voice output file. PWM2 O While speech or melody is active, PWM2 is another speaker direct driving output. ADDR (5) O External serial memory address write clock for voice extension (W536120K only). CLK (5) O External serial memory address read clock for voice extension. (W536120K only). DATA (5) I/O External serial memory data in/out for voice extension (W536120K only). SEG0 −SEG15 O Dedicated LCD segment output pads. SEG16/PORTN.0 SEG19/PORTN.3 O/O LCD segment output pads, and can be shared as general output by register LCDM3 bit 1. Default function is segment pad. SEG20/PORTM.0 SEG23/PORTM.3 O/I LCD segment output pads, and can be shared as general input by register LCDM3 bit 0. Default function is segment pad and PM5.1=0 to inhibit LCD waveform abnormal. SEG24/PORTL.0 SEG27/PORTL.3 O/O LCD segment output pads, and can be shared as general output by register LCDM2 bit 3. Default function is segment pad. SEG28/PORTK.0 SEG31/PORTK.3 O/I LCD segment output pads, and can be shared as general input by register LCDM2 bit 2. Default function is segment pad and PM5.0=0 to inhibit LCD waveform abnormal. SEG32/PORTJ.0 SEG35/PORTJ.3 O/IO LCD segment output pads, and can be shared as general input/output by register LCDM2 bit 1. PM4 register is used to select input or output while shared I/O function is active. Default function is segment pad and PM4.3 = 0 to inhibit LCD waveform abnormal. SEG36/PORTI.0 SEG39/PORTI.3 O/IO LCD segment output pads, and can be shared as general input/output by register LCDM2 bit 0. PM4 register is used to select input or output while shared I/O function is active. Default function is segment pad and PM4.2 = 0 to inhibit LCD waveform abnormal. |
Similar Part No. - W536030K |
|
Similar Description - W536030K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |