Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACV31112 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ACV31112
Description  AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ACV31112 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ACV31112 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ACV31112 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ACV31112 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ACV31112 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CV
2
ORDERING INFORMATION
A
Ex.
CV
1
2
0
12
Note: Standard packing; Carton (Tube): 50 pcs.; Case: 200 pcs.
CV
1: 1 Form C
3: 1 Form A
1: Micro ISO plug-in type
2: Micro 280 plug-in type
3: Micro 280 PC board type
0: Standard type
1: With diode inside
2: With resistor inside
12: 12
Product name
Contact arrangement
Mounting classification
Type classification
Coil voltage, V DC
TYPES
1. Micro ISO terminal type
2. Micro 280 terminal type
COIL DATA (at 20
°C 68°F)
* Other pick-up voltage types are also available. Please contact us for details.
Coil voltage (DC)
Contact arrangement
Mounting classification
Type classification
Part No.
12 V
1 Form A
Plug-in terminal
Standard type
ACV31012
With diode inside type
ACV31112
With resistor inside type
ACV31212
1 Form C
Standard type
ACV11012
With diode inside type
ACV11112
With resistor inside type
ACV11212
Coil voltage (DC)
Contact arrangement
Mounting classification
Type classification
Part No.
12 V
1 Form A
Plug-in terminal
Standard type
ACV32012
With diode inside type
ACV32112
With resistor inside type
ACV32212
PC board terminal
Standard type
ACV33012
With diode inside type
ACV33112
With resistor inside type
ACV33212
1 Form C
Plug-in terminal
Standard type
ACV12012
With diode inside type
ACV12112
With resistor inside type
ACV12212
PC board terminal
Standard type
ACV13012
With diode inside type
ACV13112
With resistor inside type
ACV13212
Nominal voltage,
V DC
Pick-up voltage,
* V DC (max.)
Drop-out voltage,
V DC (min.)
Coil resistance,
Ω(±10%)
Nominal operating current,
mA (
±10%)
Nominal operating
power, W
Usable voltage
range, V DC
12
(Initial)
7.0
(Initial)
0.6
180
142.3 (with resistor)
67
100 (with resistor)
0.8
1.0 (with resistor)
10 to 16
DIMENSIONS
1. Micro ISO terminal type
*A
6.3
.248
6
.236
8
.315
3.25
.128
4.8
.189
Sealed by epoxy resin
0.8
.031
0.8
.031
22.5
.886
9
.354
15
.591
15.7
.618
11
.433
Dimension:
Tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
* Dimensions (thickness and width) of terminal specified in this catalog is measured before pre-soldering.
Intervals between terminals is measured at A surface level.
Schematic (Bottom view)
1 Form A
1 Form C
5
1
2
3
Including diode type,
including resistor type also available
4
5
1
2
3
mm inch
cv.fm
2
y [ W
QOOPNPQ
PPœ@˛jœ@
ªR
QQ“


Similar Part No. - ACV31112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ACV31012 PANASONIC-ACV31012 Datasheet
89Kb / 4P
   AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
ACV31012 PANASONIC-ACV31012_12 Datasheet
89Kb / 4P
   AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
More results

Similar Description - ACV31112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ACR22 PANASONIC-ACR22 Datasheet
89Kb / 4P
   AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
   micro 280 automotive relay
logo
American Electronic Com...
DG91 AEC-DG91 Datasheet
275Kb / 3P
   micro 280 automotive relay
logo
Omron Electronics LLC
G8VA OMRON-G8VA Datasheet
444Kb / 2P
   Automotive low profile micro 280 terminal layout relay
logo
Panasonic Semiconductor
ACV31012 PANASONIC-ACV31012_12 Datasheet
89Kb / 4P
   AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
logo
Picker Components
PC781 PICKER-PC781 Datasheet
444Kb / 2P
   15 Amp Micro ISO 280 Automotive Plug-In Relay
logo
Omron Electronics LLC
G8HN OMRON-G8HN_1 Datasheet
252Kb / 8P
   Micro ISO Automotive Relay
G8HN OMRON-G8HN Datasheet
156Kb / 5P
   Micro ISO Automotive Relay
G8H OMRON-G8H Datasheet
247Kb / 8P
   Micro ISO Automotive Relay
G8V-RH OMRON-G8V-RH Datasheet
581Kb / 5P
   High-Current Micro 280 Automotive Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com