Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD98L62ACV Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD98L62ACV
Description  CCD Image Digitizers with CDS, PGA and 12-Bit A/D
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD98L62ACV Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD98L62ACV Datasheet HTML 3Page - Exar Corporation XRD98L62ACV Datasheet HTML 4Page - Exar Corporation XRD98L62ACV Datasheet HTML 5Page - Exar Corporation XRD98L62ACV Datasheet HTML 6Page - Exar Corporation XRD98L62ACV Datasheet HTML 7Page - Exar Corporation XRD98L62ACV Datasheet HTML 8Page - Exar Corporation XRD98L62ACV Datasheet HTML 9Page - Exar Corporation XRD98L62ACV Datasheet HTML 10Page - Exar Corporation XRD98L62ACV Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
Rev. P2.00
XRD98L62
Preliminary
DC ELECTRICAL CHARACTERISTICS - XRD98L62 (CONT'D)
Unless otherwise specified: OVDD = DVDD =AVDD = 3.0V, Pixel Rate = 30MSPS, TA = 25°C
Rext= 20KOhm
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Digital I/O Timing
tDL
Data Valid Delay
20
ns
20 pF load
tPW1
Pulse Width of SPIX
10
ns
tPW2
Pulse Width of SBLK
10
ns
tPIX
Pixel Period
50
ns
tBK
Sample Black (SBLK),
7
ns
Aperture Delay
tVD
Sample Video (SPIX),
6
ns
Aperture Delay
tSCLK
Shift Clock Period
100
ns
tSET
Shift Register Setup Time
10
ns
tHOLD
Shift Register Hold Time
0
ns
tL1
Load Set-up Time
10
ns
tL2
Load Hold Time
0
ns
Power Supplies
AVDD
Analog Supply Voltage
2.7
3.0
3.6
V
DVDD
Digital Supply Voltage
2.7
3.0
3.6
V
Set DVDD = AVDD
OVDD
Digital Output Supply Voltage
2.7
3.0
3.6
V
OVDD < AVDD
IDD
Supply Current
70
mA
OVDD = AVDD = DVDD =3.0V, Includes
Reference Current.
IDDPD
Power Down Supply Current
0.5
mA
PD = 1


Similar Part No. - XRD98L62ACV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61AIV EXAR-XRD98L61AIV Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61AIV EXAR-XRD98L61AIV Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
More results

Similar Description - XRD98L62ACV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
logo
Renesas Technology Corp
HD49338NP RENESAS-HD49338NP_15 Datasheet
294Kb / 25P
   CDS/PGA & 12-bit A/D Converter
HD49330AF RENESAS-HD49330AF_15 Datasheet
247Kb / 22P
   CDS/PGA & 12-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com