Electronic Components Datasheet Search |
|
LO566TPG4-60G-A Datasheet(PDF) 1 Page - Marktech Corporate |
|
LO566TPG4-60G-A Datasheet(HTML) 1 Page - Marktech Corporate |
1 / 2 page Ultra Bright Green Elliptical LED LO566TPG4−60G−A Features All Plastic Mold Type High Luminous Intensity Low Current Requirement LEAD FREE Applications Backlighting Full Color/RGB Video Signs VMS Time/Temperature Boards Maximum Ratings (Ta=25 o C) Characteristic Symbol Max. Unit Forward Current IF 25 mA Reverse Voltage VR 5 V Power Dissipation PD 100.00 mW Operating Temperature Topr −40 ~ +95 o C Storage Temperature Tstg −40 ~ +100 o C Soldering Temperature Tsol 260 o C Soldering Time − for 3 sec. max − Opto−Electrical Characteristics (Ta=25 o C) Characteristic Symbol Test Condition Min Typ Max Unit Forward Voltage VF IF=20mA − 3.40 4.00 V Reverse Current IR VR=5V − − 100 µA Luminous Intensity IV IF=20mA 1520.00 2800.00 − mcd Viewing Angle 2 θ1/2 − − 60 o x 35 o − deg. Peak Wavelength λp IF=20mA − 522 − nm Dominant Wavelength λd IF=20mA − 527 − nm Company Headquarters 3 Northway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com California Sales Office: 950 South Coast Drive, Suite 225 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 |
Similar Part No. - LO566TPG4-60G-A |
|
Similar Description - LO566TPG4-60G-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |