Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T20118L7BB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72T20118L7BB
Description  2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T20118L7BB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72T20118L7BB Datasheet HTML 1Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 2Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 3Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 4Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 5Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 6Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 7Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 8Page - Integrated Device Technology IDT72T20118L7BB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
2
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72T2098/108/118/128 2.5V HIGH-SPEED TeraSync™ DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATIONS
32K x 20/64K x 10, 64K x 20/128K x 10, 128K x 20/256K x 10, 256K x 20/512K x 10
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
VCC
VCC
DNC
DNC
DNC
TCK
WCLK
DNC
DNC
VCC
VCC
VREF
D2
GND
D7
Q4
GND
Q0
GND
Q3
VDDQ
GND
Q7
D13
Q5
D1
GND
D4
D10
D15
FSEL0
D17
Q9
VDDQ
DNC
DNC
REN
RCLK
12
3
4
56
7
8
9
10
11
12
13
14
15
16
A1 BALL PAD CORNER
MARK
RCS
VDDQ
VDDQ
VDDQ
VDDQ
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
D5
PRS
OW
DNC
DNC
D18
D19
Q1
Q2
EF/OR
VDDQ
WEN
MRS
IW
WSDR
DNC
DNC
DNC
DNC
TDI
TMS
FWFT
WCS
DNC
FSEL1
RSDR
DNC
DNC
DNC
DNC
D11
DNC
DNC
VDDQ
SI
SREN
EREN
ERCLK
DNC
DNC
Q18
Q16
Q14
VDDQ
Q10
Q12
Q6
DNC
Q8
DNC
TRST
TDO
PAF
FF/IR
DNC
DNC
D8
VCC
D3
VCC
D6
VDDQ
GND
VDDQ
GND
DNC
VDDQ
DNC
VDDQ
VCC
VCC
VCC
VCC
VDDQ
GND
VDDQ
GND
DNC
VDDQ
DNC
VDDQ
GND
GND
GND
VDDQ
VDDQ
VDDQ
Q13
VDDQ
VDDQ
GND
GND
D16
D12
D14
Q19
Q15
Q17
Q11
DNC
SEN
SO
PAE
DNC
DNC
DNC
DNC
RT
OE
SCLK
GND
VDDQ
VDDQ
VDDQ
GND
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VDDQ
GND
VDDQ
GND
VDDQ
GND
VCC
VCC
VCC
VDDQ
GND
VDDQ
GND
VDDQ
DNC
DNC
DNC
DNC
DNC
DNC
HSTL
GND
D9
GND
D0
5996 drw02
PBGA: 1mm pitch, 17mm x 17mm (BB208-1, order code: BB)
TOP VIEW
PIN CONFIGURATIONS
NOTE:
1. DNC - Do Not Connect.


Similar Part No. - IDT72T20118L7BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T18105 RENESAS-IDT72T18105 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T20118L7BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com