Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38B59EEXXXFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M38B59EEXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B59EEXXXFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M38B59EEXXXFP Datasheet HTML 3Page - Renesas Technology Corp M38B59EEXXXFP Datasheet HTML 4Page - Renesas Technology Corp M38B59EEXXXFP Datasheet HTML 5Page - Renesas Technology Corp M38B59EEXXXFP Datasheet HTML 6Page - Renesas Technology Corp M38B59EEXXXFP Datasheet HTML 7Page - Renesas Technology Corp M38B59EEXXXFP Datasheet HTML 8Page - Renesas Technology Corp M38B59EEXXXFP Datasheet HTML 9Page - Renesas Technology Corp M38B59EEXXXFP Datasheet HTML 10Page - Renesas Technology Corp M38B59EEXXXFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
6
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
GROUP EXPANSION
Mitsubishi plans to expand the 38B5 group as follows:
Memory Type
Support for Mask ROM, One Time PROM and EPROM versions.
Memory Size
ROM/PROM size .................................................. 24K to 60K bytes
RAM size ........................................................... 1024 to 2048 bytes
Package
80P6N-A ..................................... 0.8 mm-pitch plastic molded QFP
80D0 ........................ 0.8 mm-pitch ceramic LCC (EPROM version)
Fig. 4 Memory Expansion Plan
Currently supported products are listed below.
Table 3 List of Supported Products
(P) ROM size (bytes)
Product
RAM size (bytes)
Package
Remarks
ROM size for User ( )
Note : Products under development or planning : the development schedule and specifications may be revised without notice.
As of Jan. 1998
M38B57MC-XXXFP
49152
(49022)
1024
80P6N-A
Mask ROM version
60K
56K
52K
48K
44K
36K
32K
28K
24K
20K
16K
12K
8K
4K
40K
ROM size (bytes)
256
512
768
1,024
1,536
2,048
RAM size (bytes)
M38B59EF
M38B57M6
Under development
M38B57MC
New product
Planning


Similar Part No. - M38B59EEXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38B59EF-XXXFP RENESAS-M38B59EF-XXXFP Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
logo
Mitsubishi Electric Sem...
M38B59EFFP MITSUBISHI-M38B59EFFP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B59EFFP RENESAS-M38B59EFFP Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
logo
Mitsubishi Electric Sem...
M38B59EFFS MITSUBISHI-M38B59EFFS Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B59EFFS RENESAS-M38B59EFFS Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38B59EEXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com