Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS356R-5K Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1SS356R-5K
Description  SURFACE MOUNT PIN DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SS356R-5K Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1SS356R-5K Datasheet HTML 1Page - Pan Jit International Inc. 1SS356R-5K Datasheet HTML 2Page - Pan Jit International Inc. 1SS356R-5K Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
REV.0-JAN.6.2006
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 5K per 7" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information
herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or
systems. Pan Jit does not convey any license under its patent rights or rights of others.


Similar Part No. - 1SS356R-5K

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS356 ROHM-1SS356 Datasheet
335Kb / 4P
   Band switching diode
1SS356 ROHM-1SS356 Datasheet
257Kb / 4P
   Band Switching Diode
logo
Guangdong Kexin Industr...
1SS356 KEXIN-1SS356 Datasheet
30Kb / 1P
   Band switching diode
logo
Rohm
1SS356 ROHM-1SS356 Datasheet
134Kb / 4P
   Band switching diode
logo
NXP Semiconductors
1SS356 NXP-1SS356 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - 1SS356R-5K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMVL3401 PANJIT-MMVL3401 Datasheet
71Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3700 PANJIT-MMVL3700 Datasheet
79Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1345-087LF SKYWORKS-SMP1345-087LF Datasheet
339Kb / 6P
   Surface Mount PIN Diode
June 18, 2013
logo
Pan Jit International I...
MMVL3401TG PANJIT-MMVL3401TG Datasheet
96Kb / 3P
   SURFACE MOUNT PIN DIODE
MMBV3700 PANJIT-MMBV3700 Datasheet
92Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3401TS PANJIT-MMVL3401TS Datasheet
95Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS390 PANJIT-1SS390_09 Datasheet
101Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1302-087LF SKYWORKS-SMP1302-087LF Datasheet
757Kb / 8P
   Surface-Mount PIN Diode
August 9, 2013
SMP1371-087LF SKYWORKS-SMP1371-087LF Datasheet
310Kb / 7P
   Surface Mount PIN Diode
May 31, 2013
logo
Pan Jit International I...
1SS356 PANJIT-1SS356_09 Datasheet
74Kb / 3P
   SURFACE MOUNT PIN DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com