Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBV3700T-12K Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBV3700T-12K
Description  SURFACE MOUNT PIN DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBV3700T-12K Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBV3700T-12K Datasheet HTML 1Page - Pan Jit International Inc. MMBV3700T-12K Datasheet HTML 2Page - Pan Jit International Inc. MMBV3700T-12K Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0-FEB.8.2006
MMBV3700
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
SURFACE MOUNT PIN DIODE
VOLTAGE
200 Volts
200 mW
FEATURES
• High reverse breakdown voltage (200V min)
• Very low series resistance at 100MHz (0.7
Ω typical@ I
F=10mA)
• Long minority carrier lifetime (Trr=300ns typical)
• Low capacitance (0.5 pF typical @V
R=20V)
• Surface mount package ideally suited for autmatic insertion
• Pb free product are available : 99% Sn above can meet
RoHS environment substance directive request
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.008 gram
ABSOLUTE RATINGS
POWER
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
E
U
L
A
V
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
m
u
m
i
x
a
M
V
R
0
0
2
V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
u
o
u
n
i
t
n
o
C
I
F
2
.
0
A
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
E
U
L
A
V
T
I
N
U
)
1
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
P
O
TT
0
0
2
W
m
)
1
(
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
RΘ
A
J
5
2
6
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
T
J
0
5
1
o
t
5
5
-
OC
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
o
t
5
5
-
OC
Note 1. FR-5 Board=1.0x0.75x0.062 in.
SINGLE


Similar Part No. - MMBV3700T-12K

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
ON Semiconductor
MMBV3700LT1 ONSEMI-MMBV3700LT1 Datasheet
53Kb / 8P
   High Voltage Silicon Pin Diodes
November, 2001 ??Rev. 2
MMBV3700LT1 ONSEMI-MMBV3700LT1 Datasheet
59Kb / 4P
   High Voltage Silicon Pin Diodes
January, 2006 ??Rev. 3
MMBV3700LT1G ONSEMI-MMBV3700LT1G Datasheet
121Kb / 3P
   High Voltage Silicon Pin Diodes
August, 2009 ??Rev. 5
MMBV3700LT1G ONSEMI-MMBV3700LT1G Datasheet
59Kb / 4P
   High Voltage Silicon Pin Diodes
January, 2006 ??Rev. 3
More results

Similar Description - MMBV3700T-12K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMVL3401 PANJIT-MMVL3401 Datasheet
71Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3700 PANJIT-MMVL3700 Datasheet
79Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1345-087LF SKYWORKS-SMP1345-087LF Datasheet
339Kb / 6P
   Surface Mount PIN Diode
June 18, 2013
logo
Pan Jit International I...
MMVL3401TG PANJIT-MMVL3401TG Datasheet
96Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS356 PANJIT-1SS356 Datasheet
75Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3401TS PANJIT-MMVL3401TS Datasheet
95Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS390 PANJIT-1SS390_09 Datasheet
101Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1302-087LF SKYWORKS-SMP1302-087LF Datasheet
757Kb / 8P
   Surface-Mount PIN Diode
August 9, 2013
SMP1371-087LF SKYWORKS-SMP1371-087LF Datasheet
310Kb / 7P
   Surface Mount PIN Diode
May 31, 2013
logo
Pan Jit International I...
1SS356 PANJIT-1SS356_09 Datasheet
74Kb / 3P
   SURFACE MOUNT PIN DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com