Electronic Components Datasheet Search |
|
1.5KE8.2C Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
1.5KE8.2C Datasheet(HTML) 1 Page - Pan Jit International Inc. |
1 / 4 page PAGE . 1 STAD-DEC.15.2005 1.5KE SERIES GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR NOTES: 1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2. 2. Mounted on Copper Leaf area of 0.79 in2(20mm2). 3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum. FEATURES • Plastic package has Underwriters Laboratory Flammability Classification 94V-O • Glass passivated chip junction in DO-201AE package • 1500W surge capability at 1.0ms • Excellent clamping capability • Low zener impedance • Fast response time: typically less than 1.0 ps from 0 volts to BV min • Typical IR less than 1µA above 10V • High temperature soldering guaranteed: 260°C/10 seconds/.375" ,(9.5mm) lead length/5lbs., (2.3kg) tension • Pb free product : 99% Sn above can meet RoHS environment substance directive request MECHANICAL DATA • Case: JEDEC DO-201AE molded plastic • Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 • Polarity: Color band denoted cathode except Bipolar • Mounting Position: Any • Weight: 0.045 ounce, 1.2 gram .042(1.07) .210(5.3) .037(0.94) .188(4.8) DO-201AE Unit: inch(mm) MAXIMUM RATINGS AND CHARACTERISTICS Rating at 25°Cambient temperature unless otherwise specified. DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru types 1.5KE440. Electrical characteristics apply in both directions. VOLTAGE 6.8 to 440 Volts 1500 Watts PEAK PULSE POWER g n i t a Rl o b m y Se u l a Vs t i n U T t a n o i t a p i s s i D r e w o P k a e P A 5 2 = O ) 1 e t o N ( s m 1 = P T , CP M P P 0 0 5 1s t t a W T t a n o i t a p i s s i d r e w o P e t a t S y d a e t S L 5 7 = OC ) 2 e t o N ( ) m m 5 9 ( , " 5 7 3 . s h t g n e L d a e L P D 0 . 5s t t a W ) 3 e t o N ( e v a W - e n i S f l a H e l g n i S s m 3 . 8 , t n e r r u C e g r u S d r a w r o F k a e P I M S F 0 0 2s p m A e g n a R e r u t a r e p m e T e g a r o t S d n a n o i t c n u J g n i t a r e p O T J,T G T S 5 7 1 + o t 5 6 - O C |
Similar Part No. - 1.5KE8.2C |
|
Similar Description - 1.5KE8.2C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |